| Electronic Components Datasheet Search |
|
MT4C4001JC-7/XT Datasheet(PDF) 12 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
MT4C4001JC-7/XT Datasheet(HTML) 12 Page - Austin Semiconductor |
|
12 / 20 page ![]() DRAM DRAM DRAM DRAM DRAM MT4C4001J Austin Semiconductor, Inc. MT4C4001J Rev. 1.5 10/02 AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 12 4 MEG POWER-UP AND REFRESH CONSTRAINTS The EIA/JEDEC 4 Meg DRAM introduces two potential incompatibilities compared to the previous generation 1 Meg DRAM. The incompatibilities involve refresh and power-up. Understanding these incompatibilities and providing for them will offer the designer and system user greater compatibility between the 1 Meg and 4 Meg. REFRESH The most commonly used refresh mode of the 1 Meg is the CBR (CAS\-BEFORE-RAS\) REFRESH cycle. The CBR for the 1 Meg specifies the WE\ pin as a “don’t care.” The 4 Meg, on the other hand, specifies the CBR REFRESH mode with the WE\ pin held at a voltage HIGH level. A CBR cycle with WE\ LOW will put the 4 Meg into the JEDEC specified test mode (WCBR). POWER-UP The 4 Meg JEDEC test mode constraint may introduce another problem. The 1 Meg POWER-UP cycle requires a 100µs delay followed by any eight RAS\ cycles. The 4 Meg POWER-UP is more restrictive in that eight RAS\-ONLY or CBR REFRESH (WE\ held HIGH) cycles must be used. The restriction is needed since the 4 Meg may power-up in the JEDEC specified test mode and must exit out of the test mode. The only way to exit the 4 Meg JEDEC test mode is with either a RAS\-ONLY or a CBR REFRESH cycle (WE\ held HIGH). SUMMARY 1. The 1 Meg CBR REFRESH allows the WE\ pin to be “don’t care” while the 4 Meg CBR requires WE\ to be HIGH. 2. The eight RAS\ wake-up cycles on the 1 Meg may be any valid RAS\ cycle while the 4 Meg may only use RAS\-ONLY or CBR REFRESH cycles (WE\ held HIGH). COMPARISON OF 4 MEG TEST MODE AND WCBR TO 1 MEG CBR |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |