Electronic Components Datasheet Search
  English  ▼

X  

PCD5042 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD5042
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5042 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD5042 Datasheet HTML 6Page - NXP Semiconductors PCD5042 Datasheet HTML 7Page - NXP Semiconductors PCD5042 Datasheet HTML 8Page - NXP Semiconductors PCD5042 Datasheet HTML 9Page - NXP Semiconductors PCD5042 Datasheet HTML 10Page - NXP Semiconductors PCD5042 Datasheet HTML 11Page - NXP Semiconductors PCD5042 Datasheet HTML 12Page - NXP Semiconductors PCD5042 Datasheet HTML 13Page - NXP Semiconductors PCD5042 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Oct 31
10
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5042
Fig.4 Internal clocking scheme of the PCD5042.
handbook, full pagewidth
MBH708
480
bit counter
3.456 MHz system
clock for ADPCM codec
24
slot counter
100 Hz
frame sync
1152 kHz
system/bit clock
clock corrections in this level
unless disabled PCD5041's mode register
COMPARATOR
'SYNC' event
FSx signals
(8 kHz)
16
slot counter
2
144
3
4 (
±1)
13.824 MHz system clock
6.912 MHz system clock
6.4
Speech interface
The speech interface block performs the following
functions:
• Connection to a 1152 kbits/s interface in a handset and
a simple base station in the so called ‘12 slot mode’
• Connection to a n x 64 kbits/s interface in base stations
in the so called ‘32 slot mode’
• Autonomous storing/fetching of ADPCM speech data
in/from the PCD5042’s common data memory, using
internal addressing logic
• Muting of speech data
• Local call.
6.4.1
12-SLOT MODE
The 12-slot mode is selected if up to 4 ADPCM CODECs
are connected to the PCD5042, where the PCD5042 is the
master of these CODECs. In a handset, or in a simple
base stations which is connected with up to 4 analog lines
to the public network, the PCD5042 is master of the
CODECs. Each CODEC is connected with a separate
framing reference signal (FS1 to FS4) to the PCD5042. In
the QFP64 package, 2 framing signals FS1 and FS2 are
available, whereas in the LQFP80 package 4 framing
signals can be used (FS1 to FS4). When more CODECs
are to be connected, the FS5 to FS12 signals have to be
generated externally. When using the framing signals
FS1 to FS4, no interface logic is required when using the
PCD5032 ADPCM CODEC.
A speech-slot control table is used to determine where to
store/fetch speech data for transmission and reception.
The hardware speech-interface is capable of addressing
the right speech buffer for the relevant speech slot, and will
maintain a counter carrying the offset to the correct
stored/fetched address.
6.4.2
32-SLOT MODE
The 32-slot mode is used to connect the PCD5042 to a
digital interface with a data rate of n
× 64 kbits/s; where
n = 1 to 32 is the number of speech slots. This equates to
data rates from 64 kbits/s to 2048 kbits/s.
Up to 12 of the 32 speech slots can be used
simultaneously. The same kind of speech-slot control table
used in the 12-slot mode is used for the 32-slot mode.
6.4.3
MUTING
Due to various reasons the quality of the incoming speech
data may be degraded significantly. By muting the speech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com