Electronic Components Datasheet Search
  English  ▼

X  

SY6288AFAC Datasheet(PDF) 3 Page - Silergy Corp.

Part # SY6288AFAC
Description  Low Loss Power Distribution Switch Preliminary Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

SY6288AFAC Datasheet(HTML) 3 Page - Silergy Corp.

  SY6288AFAC Datasheet HTML 1Page - Silergy Corp. SY6288AFAC Datasheet HTML 2Page - Silergy Corp. SY6288AFAC Datasheet HTML 3Page - Silergy Corp. SY6288AFAC Datasheet HTML 4Page - Silergy Corp. SY6288AFAC Datasheet HTML 5Page - Silergy Corp. SY6288AFAC Datasheet HTML 6Page - Silergy Corp. SY6288AFAC Datasheet HTML 7Page - Silergy Corp. SY6288AFAC Datasheet HTML 8Page - Silergy Corp. SY6288AFAC Datasheet HTML 9Page - Silergy Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN_SY6288
AN_SY6288 Rev. 0.58
Silergy Corp. Confidential-prepared for Customer Use Only
3
Absolute Maximum Ratings (Note 1)
All pins-------------------------- -------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25°C SOT23-5/MSOP8/SO8--------------------------------------------- 0.4/0.5/0.65W
Package Thermal Resistance (Note 2)
SOT23-5/MSOP8/SO8,
θ JA ------------------------------------------------------------------------ 250/150/90°C/W
SOT23-5/MSOP8/SO8,
θ JC ------------------------------------------------------------------------ 130/ 65/ 45°C/W
Junction Temperature Range ---------------------------------------------------------------------------------- 150°C
Lead Temperature (Soldering, 10 sec.) -----------------------------------------------------------------------260°C
Storage Temperature Range -----------------------------------------------------------------------------------
-65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions (Note 3)
IN----------------------------------------------------------------------------------------------------------------- 2.5V to 5.5V
EN/ENB--------------------------------------------------------------------------------------------------------- -0.3V to VIN+0.3V
All other pins --------------------------------------------------------------------------------------------------- 0-5.5V
Junction Temperature Range -------------------------------------------------------------------------------- -40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com