Electronic Components Datasheet Search
  English  ▼

X  

E5515 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # E5515
Description  The ams OSRAM OSIRE KRTB AELPS2.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E5515 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button E5515 Datasheet HTML 3Page - OSRAM GmbH E5515 Datasheet HTML 4Page - OSRAM GmbH E5515 Datasheet HTML 5Page - OSRAM GmbH E5515 Datasheet HTML 6Page - OSRAM GmbH E5515 Datasheet HTML 7Page - OSRAM GmbH E5515 Datasheet HTML 8Page - OSRAM GmbH E5515 Datasheet HTML 9Page - OSRAM GmbH E5515 Datasheet HTML 10Page - OSRAM GmbH E5515 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
KRTB AELPS2.32
DATASHEET
DATASHEET
7 | Version 1.2 | 2024-02-14
Brightness Groups
● red
Group
Luminous Intensity 5)
Luminous Intensity 5)
I
F = 20 mA
I
F = 20 mA
min.
max.
I
v
I
v
1V
710 mcd
800 mcd
2V
800 mcd
900 mcd
3V
900 mcd
1000 mcd
4V
1000 mcd
1120 mcd
5A
1120 mcd
1250 mcd
6A
1250 mcd
1400 mcd
7A
1400 mcd
1590 mcd
Brightness Groups
● true green
Group
Luminous Intensity 5)
Luminous Intensity 5)
I
F = 20 mA
I
F = 20 mA
min.
max.
I
v
I
v
6B
2010 mcd
2240 mcd
7B
2240 mcd
2500 mcd
8B
2500 mcd
2800 mcd
5C
2800 mcd
3150 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com