Electronic Components Datasheet Search
  English  ▼

X  

E2525 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # E2525
Description  This device is especially designed for intra-glass displays.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E2525 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button E2525 Datasheet HTML 3Page - OSRAM GmbH E2525 Datasheet HTML 4Page - OSRAM GmbH E2525 Datasheet HTML 5Page - OSRAM GmbH E2525 Datasheet HTML 6Page - OSRAM GmbH E2525 Datasheet HTML 7Page - OSRAM GmbH E2525 Datasheet HTML 8Page - OSRAM GmbH E2525 Datasheet HTML 9Page - OSRAM GmbH E2525 Datasheet HTML 10Page - OSRAM GmbH E2525 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
KRTB RHLQ91.32
DATASHEET
DATASHEET
7 | Version 1.1 | 2023-11-08
Brightness Groups
● blue
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 6 mA
I
F = 6 mA
min.
max.
I
v
I
v
QJ
106 mcd
132 mcd
RC
112 mcd
140 mcd
RD
118 mcd
149 mcd
RE
125 mcd
159 mcd
RF
132 mcd
169 mcd
RG
140 mcd
180 mcd
RH
149 mcd
190 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com