Electronic Components Datasheet Search
  English  ▼

X  

SFH7018A Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7018A
Description  The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7018A Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7018A Datasheet HTML 1Page - OSRAM GmbH SFH7018A Datasheet HTML 2Page - OSRAM GmbH SFH7018A Datasheet HTML 3Page - OSRAM GmbH SFH7018A Datasheet HTML 4Page - OSRAM GmbH SFH7018A Datasheet HTML 5Page - OSRAM GmbH SFH7018A Datasheet HTML 6Page - OSRAM GmbH SFH7018A Datasheet HTML 7Page - OSRAM GmbH SFH7018A Datasheet HTML 8Page - OSRAM GmbH SFH7018A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SFH 7018A
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-11-09
MULTILED®
SFH 7018A
The SFH 7018A & SFH 7018B feature a highly reflective QFN
package for significantly increased light output. Their sophis-
ticated 2-cavity design reduces interferences between green
chip on the one hand and red and IR chip on the other hand.
Furthermore, the 2 cavities enables the light sources to be
optimally placed relative to their respective photodiodes. Overall
this leads to higher accuracy of measurement of vital signs (e.g.
heart rate, SpO2).
The SFH 7018A is optimized for low Vf at high current allowing
operation without voltage booster in many cases.
Applications
- Digital Diagnostic Devices
- Vital Sign Monitoring
Features
- Package: clear silicone
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- SMT package
- Suitable for SMT assembly
- Available on tape and reel
- Emitters can be controlled separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com