Electronic Components Datasheet Search
  English  ▼

X  

PCD5091HZ Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCD5091HZ
Description  DECT baseband controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5091HZ Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCD5091HZ Datasheet HTML 8Page - NXP Semiconductors PCD5091HZ Datasheet HTML 9Page - NXP Semiconductors PCD5091HZ Datasheet HTML 10Page - NXP Semiconductors PCD5091HZ Datasheet HTML 11Page - NXP Semiconductors PCD5091HZ Datasheet HTML 12Page - NXP Semiconductors PCD5091HZ Datasheet HTML 13Page - NXP Semiconductors PCD5091HZ Datasheet HTML 14Page - NXP Semiconductors PCD5091HZ Datasheet HTML 15Page - NXP Semiconductors PCD5091HZ Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1997 Jul 21
12
Philips Semiconductors
Objective specification
DECT baseband controller
PCD5091
7
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.25
0.05
2.90
2.65
0.25
0.40
0.25
0.25
0.14
14.1
13.9
0.65
18.2
17.6
1.4
1.2
1.0
0.6
7
0
o
o
0.15
0.1
0.2
1.95
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.6
SOT317-2
92-11-17
95-02-04
D(1)
(1)
(1)
20.1
19.9
HD
24.2
23.6
E
Z
0.8
0.4
D
e
θ
E
A1
A
L p
Q
detail X
L
(A )
3
B
30
c
b p
E
H
A2
D
Z D
A
Z E
e
v M A
1
100
81
80
51
50
31
pin 1 index
X
y
bp
D
H
v M B
w M
w M
0
5
10 mm
scale
QFP100: plastic quad flat package; 100 leads (lead length 1.95 mm); body 14 x 20 x 2.8 mm
SOT317-2
A
max.
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com