Electronic Components Datasheet Search
  English  ▼

X  

IRGPC20K Datasheet(PDF) 7 Page - International Rectifier

Part # IRGPC20K
Description  INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC20K Datasheet(HTML) 7 Page - International Rectifier

  IRGPC20K Datasheet HTML 1Page - International Rectifier IRGPC20K Datasheet HTML 2Page - International Rectifier IRGPC20K Datasheet HTML 3Page - International Rectifier IRGPC20K Datasheet HTML 4Page - International Rectifier IRGPC20K Datasheet HTML 5Page - International Rectifier IRGPC20K Datasheet HTML 6Page - International Rectifier IRGPC20K Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
480V
4
X
I C @ 25°C
IRGPC20K
D.U.T.
50V
L
V *
C
Q
Q
R
R
* Driver same type as D.U.T.; Vc = 80% of Vce(max)
* Note: Due to the 50V power supply, pulse width and inductor
will increase to obtain rated Id.
1000V
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
480µF
960V
0 -
480V
RL
=
t=5µs
d(on)
t
tf
tr
90%
td(off)
10%
90%
10%
5%
VC
IC
Eon
Eoff
ts
on
off
E = (E
+E
)
Q
R
S
Fig. 14b - Switching Loss
Waveforms
50V
Driver*
1000V
D.U.T.
IC
C
V
Q
Q
R
R
S
S
L
Fig. 14a - Switching
Loss Test Circuit
*
Driver
same
type
as
D.U.T.,
VC
=
480V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com