Electronic Components Datasheet Search
  English  ▼

X  

PCD5094 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD5094
Description  DECT baseband controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5094 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD5094 Datasheet HTML 3Page - NXP Semiconductors PCD5094 Datasheet HTML 4Page - NXP Semiconductors PCD5094 Datasheet HTML 5Page - NXP Semiconductors PCD5094 Datasheet HTML 6Page - NXP Semiconductors PCD5094 Datasheet HTML 7Page - NXP Semiconductors PCD5094 Datasheet HTML 8Page - NXP Semiconductors PCD5094 Datasheet HTML 9Page - NXP Semiconductors PCD5094 Datasheet HTML 10Page - NXP Semiconductors PCD5094 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Jul 21
7
Philips Semiconductors
Objective specification
DECT baseband controller
PCD5094
LIFM
36
I
0.7 V
ANAIOD1
negative input from line interface
LIFP
37
I
0.7 V
ANAIOD1
positive input from line interface
VSSA
38
−−
supply
negative supply voltage for analog circuits
MICM
39
I
0.7 V
ANAIOR1
negative input from microphone
MICP
40
I
0.7 V
ANAIOR1
positive input from microphone
VMIC
41
O
off
ANAIOD1
positive microphone supply voltage (+2 V)
Vref
42
O
2.0 V
ANAIOD1
reference voltage (+2 V)
VBGP
43
O
1.25 V
ANAIOR1
bandgap output voltage (+1.25 V)
VDDA
44
−−
supply
positive supply voltage for analog circuits
EARM
45
O
1.4 V
ANAIOD1
negative output to earpiece
EARP
46
O
1.4 V
ANAIOD1
positive output to earpiece
EN_WATCHDOG
47
I
−
DIUP0PES
watchdog enable input
P1.0
48
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P1.1
49
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P1.2
50
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
GP_CLK7
51
O
L
ISP2DPES
general purpose 6.912 MHz output
DPLL_DATA
52
O
L
ISP2DPES
data after clock recovery network
R_SLICED
53
O
L
ISP2DPES
R_DATA comparator output
VDD5V_1
54
−−
supply
positive supply voltage 1 for the +5 V interface
P1.3
55
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P1.4
56
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P1.5
57
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P1.6
58
I/O
off
ISI8DPES
bidirectional 80C51 port pin
P1.7
59
I/O
off
ISI8DPES
bidirectional 80C51 port pin
VDD3V_2
60
−−
supply
positive supply voltage 2 (+3 V)
BZM
61
O
L
ANAIOD2
negative buzzer output
BZP
62
O
L
ANAIOD2
positive buzzer output
VSS2
63
−−
supply
negative supply voltage 2
VSS3
64
−−
supply
negative supply voltage 3
P3.0
65
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P3.1
66
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P3.2
67
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P3.3
68
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P3.4
69
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P3.5
70
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P3.6
71
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P3.7
72
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P2.0
73
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P2.1
74
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
SYMBOL
PIN
I/O
STATE
AFTER
RESET
PIN TYPE
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com