Electronic Components Datasheet Search
  English  ▼

X  

185752 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 185752
Description  Air preparation unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

185752 Datasheet(HTML) 1 Page - Festo Corporation.

  185752 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air preparation unit
LFR-1/2-D-MIDI-KD-A
Part number: 185752
General operating condition
Data sheet
Feature
Value
Size
Midi
Series
D
Actuator lock
Rotary knob with detent
Mounting position
Vertical +/- 5°
Grade of filtration
40 µm
Condensate drain
Fully automatic
Structural design
Shut off valve
Filter regulator with pressure gauge
Safety start-up valve
Max. condensate volume
43 ml
Bowl guard
Metal bowl guard
Symbol
00991572
Pressure gauge
with pressure gauge
Operating pressure
3 bar ... 12 bar
Pressure regulation range
2.5 bar ... 12 bar
Max. pressure hysteresis
0.25 bar
Standard nominal flow rate
2000 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:8:4]
Inert gas
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
2100 g
Type of mounting
Optionally:
Line installation
With accessories
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Housing material
Die-cast zinc
Material of bowl
PC
2/26/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 185752

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185751 FESTO-185751 Datasheet
97Kb / 1P
Air preparation unit
185753 FESTO-185753 Datasheet
99Kb / 1P
Air preparation unit
185754 FESTO-185754 Datasheet
99Kb / 1P
Air preparation unit
185755 FESTO-185755 Datasheet
95Kb / 1P
Air preparation unit
185756 FESTO-185756 Datasheet
95Kb / 1P
Air preparation unit
More results

Similar Description - 185752

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537658 FESTO-537658 Datasheet
91Kb / 2P
Air preparation unit
2/10/22
162753 FESTO-162753 Datasheet
85Kb / 1P
Air preparation unit
8/11/22
186510 FESTO-186510 Datasheet
89Kb / 1P
Air preparation unit
8/11/22
192649 FESTO-192649 Datasheet
83Kb / 1P
Air preparation unit
8/11/22
192658 FESTO-192658 Datasheet
86Kb / 1P
Air preparation unit
8/11/22
173883 FESTO-173883 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173885 FESTO-173885 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173891 FESTO-173891 Datasheet
86Kb / 1P
Air preparation unit
8/16/22
159589 FESTO-159589 Datasheet
87Kb / 1P
Air preparation unit
8/17/22
186504 FESTO-186504 Datasheet
86Kb / 1P
Air preparation unit
8/17/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com