Electronic Components Datasheet Search
  English  ▼

X  

1415012 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1415012
Description  SAC-4P-DTMS/ 1,5-PUR - Sensor/actuator cable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1415012 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1415012 Datasheet HTML 1Page - PHOENIX CONTACT 1415012 Datasheet HTML 2Page - PHOENIX CONTACT 1415012 Datasheet HTML 3Page - PHOENIX CONTACT 1415012 Datasheet HTML 4Page - PHOENIX CONTACT 1415012 Datasheet HTML 5Page - PHOENIX CONTACT 1415012 Datasheet HTML 6Page - PHOENIX CONTACT 1415012 Datasheet HTML 7Page - PHOENIX CONTACT 1415012 Datasheet HTML 8Page - PHOENIX CONTACT 1415012 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, Plug straight
DEUTSCH DT04-4P Clip locking, coding: A, on free cable end, cable length: 1.5 m
Commercial data
Item number
1415012
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF08
Product key
BF1DWA
Catalog page
Page 244 (C-2-2019)
GTIN
4055626036885
Weight per piece (including packing)
101 g
Weight per piece (excluding packing)
100.7 g
Customs tariff number
85444290
Country of origin
DE
SAC-4P-DTMS/ 1,5-PUR - Sensor/actuator cable
1415012
https://www.phoenixcontact.com/us/products/1415012
Feb 13, 2024, 4:46 AM
Page 1 (15)


Similar Part No. - 1415012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415010 PHOENIX-1415010 Datasheet
510Kb / 15P
SAC-4P- 5,0-PUR/DTFS - Sensor/actuator cable
1415011 PHOENIX-1415011 Datasheet
510Kb / 15P
SAC-4P-10,0-PUR/DTFS - Sensor/actuator cable
1415013 PHOENIX-1415013 Datasheet
497Kb / 15P
SAC-4P-DTMS/ 3,0-PUR - Sensor/actuator cable
1415014 PHOENIX-1415014 Datasheet
497Kb / 15P
SAC-4P-DTMS/ 5,0-PUR - Sensor/actuator cable
1415015 PHOENIX-1415015 Datasheet
497Kb / 15P
SAC-4P-DTMS/10,0-PUR - Sensor/actuator cable
More results

Similar Description - 1415012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1224019 PHOENIX-1224019 Datasheet
2Mb / 6P
Sensor/actuator cable - SAC-4P-P12MS/ 1,5-PUR/P12FS
01/13/2022
1224166 PHOENIX-1224166 Datasheet
1Mb / 5P
Sensor/actuator cable - SAC-4P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1224169 PHOENIX-1224169 Datasheet
1Mb / 5P
Sensor/actuator cable - SAC-4P-P12MR/ 1,5-PUR/P12FS
01/13/2022
1414993 PHOENIX-1414993 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-2P-DTMS/ 1,5-PUR/DTFS
09/11/2020
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476855 PHOENIX-1476855 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1224173 PHOENIX-1224173 Datasheet
342Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com