Electronic Components Datasheet Search
  English  ▼

X  

7B34 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B34
Description  Isolated, Linearized RTD Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B34 Datasheet(HTML) 2 Page - Analog Devices

  7B34 Datasheet HTML 1Page - Analog Devices 7B34 Datasheet HTML 2Page - Analog Devices 7B34 Datasheet HTML 3Page - Analog Devices 7B34 Datasheet HTML 4Page - Analog Devices 7B34 Datasheet HTML 5Page - Analog Devices 7B34 Datasheet HTML 6Page - Analog Devices 7B34 Datasheet HTML 7Page - Analog Devices 7B34 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B34
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B34 is a single-channel signal conditioning module that
interfaces, amplifies and filters input voltages from a wide
variety of two- and three-wire platinum, copper and nickel
Resistor Temperature Detectors (RTDs) and provides a
protected precision output of either +1 V to +5 V or 0 V to +10
V, linear with RTD temperature. Three-wire lead resistance
compensation is provided and 2- or 3-wire RTDs may be used.
RTD excitation current, and a predictable upscale open circuit
indication provide a complete signal conditioning solution.
Model 7B34 features a nonlinearity of +0.05% maximum (Pt
RTDs). To accurately measure low level signals in electrically
noisy environments, 1500 V rms of galvanic transformer-based
isolation with a common mode rejection (CMR) of 160 dB @
50/60 Hz and a normal model rejection (NMR) of 60 dB @
50/60 Hz are provided. Rated to operate with a nominal +24
VDC supply, Model 7B34 is mix-and-match and hot-swappable
with other 7B Series input modules, so it can be inserted or
removed from any socket in the same backplane without
disturbing system power.
The three input pins of Model 7B34 are fully protected up to
120 V rms line voltage. A 250 uA excitation current is provided
to create an input voltage to the 7B34. This current also
provides the upscale open circuit indication. A one-pole 3 Hz
filter preconditions the RTD signal prior to amplification,
provided by a low drift input amplifier. Amplitude modulation
is used to implement transformer isolation (1500 V rms input-
to-output and power). Isolated front-end circuitry power is
supplied by a DC/DC converter. The output section contains a
two-pole low pass filter (-3 dB @ 3 Hz), a buffer amplifier and a
power oscillator. The two-pole output filter and subsequent
buffer ensures that a low noise, low impedance (<1Ω) signal is
available at the output to drive loads to 2 kΩ minimum.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com