Electronic Components Datasheet Search
  English  ▼

X  

1620009 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1620009
Description  CA-12F1N8A9502 - Coupler connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620009 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1620009 Datasheet HTML 1Page - PHOENIX CONTACT 1620009 Datasheet HTML 2Page - PHOENIX CONTACT 1620009 Datasheet HTML 3Page - PHOENIX CONTACT 1620009 Datasheet HTML 4Page - PHOENIX CONTACT 1620009 Datasheet HTML 5Page - PHOENIX CONTACT 1620009 Datasheet HTML 6Page - PHOENIX CONTACT 1620009 Datasheet HTML 7Page - PHOENIX CONTACT 1620009 Datasheet HTML 8Page - PHOENIX CONTACT 1620009 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Coupler connector, series: CA, straight, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 12, Direction of rotation: Standard, contact connection type: Socket, Crimp
connection, cable diameter range: 4 mm ... 6 mm, coding: N, Alternative product in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1243948
Your advantages
Safe use in the field, thanks to high degree of protection
•
Connector for flexible on-site assembly
•
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Commercial data
Item number
1620009
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB31
Product key
ABRAEG
Catalog page
Page 111 (C-2-2019)
GTIN
4046356819855
Weight per piece (including packing)
92.6 g
Weight per piece (excluding packing)
92.6 g
Customs tariff number
85366990
Country of origin
DE
CA-12F1N8A9502 - Coupler connector
1620009
https://www.phoenixcontact.com/us/products/1620009
Feb 13, 2024, 7:05 AM
Page 1 (13)


Similar Part No. - 1620009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620000 PHOENIX-1620000 Datasheet
254Kb / 7P
CA-17M1N8A9503 - Coupler connector
1620002 PHOENIX-1620002 Datasheet
377Kb / 13P
CA-12M1N8A9503 - Coupler connector
1620003 PHOENIX-1620003 Datasheet
456Kb / 13P
CA-12F1N8A9503 - Coupler connector
1620004 PHOENIX-1620004 Datasheet
450Kb / 13P
CA-12M2N8A9503 - Coupler connector
1620005 PHOENIX-1620005 Datasheet
433Kb / 13P
CA-12F2N8A9503 - Coupler connector
More results

Similar Description - 1620009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
Coupler connector - CA-06P1N129008
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
Coupler connector - CA-07S1N129008
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
Coupler connector - CA-12S1N129007
1620078 PHOENIX-1620078 Datasheet
64Kb / 4P
Coupler connector - CA-09P1N129007
1620079 PHOENIX-1620079 Datasheet
64Kb / 4P
Coupler connector - CA-09S1N129007
1620036 PHOENIX-1620036 Datasheet
65Kb / 4P
Coupler connector - CA-09S1N129008
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
Coupler connector - CA-07P1N129007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com