Electronic Components Datasheet Search
  English  ▼

X  

DFBM-CM22A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DFBM-CM22A
Description  Bluetooth Module Class 2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DFBM-CM22A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DFBM-CM22A Datasheet HTML 1Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 2Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 3Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 4Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 5Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 6Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 7Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 8Page - Delta Electronics, Inc. DFBM-CM22A Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary
DFBM-CM22A
8-1. Overall BER ( -70dBm )
0
0.1
%
9. Maximum Input Level ( Hopping Off )
9-1. Overall BER
0
0.1
%
5.Audio Characteristics
RF Characteristics
Min. Typ. Max.
Unit
1. SNR
85
dBm
2. THD
6
%
6.Pin Description
Pin No.
Name
Description
1
D2
Light if power on or pair
2
GND
Ground
3
ANT
RF input/output
4
PIO11
Programmable input/output
5
MIC_P_R
Microphone input positive (right side)
6
MIC_N_R
Microphone input negative (right side)
7
MIC_P_L
Microphone input positive (left side)
8
MIC_N_L
Microphone input negative (left side)
9
SPK_N_R
Speaker output negative (right side)
Data Sheet
Apr 18, 2005
Proprietary Information and Specifications are Subject to Change



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com