Electronic Components Datasheet Search
  English  ▼

X  

BL6 Datasheet(PDF) 1 Page - Klein Tools, Inc.

Part # BL6
Description  3/32-Inch Hex Key, L-Style Ball-End
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

BL6 Datasheet(HTML) 1 Page - Klein Tools, Inc.

  BL6 Datasheet HTML 1Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog No. BL6
3/32-Inch Hex Key, L-Style Ball-End
Klein hex-keys are the tools professionals cannot afford to be without. The keys are heat-treated and tempered for superior strength and durability. Klein
hex-keys are designed for a precise fit in sockets, preventing slippage and stripping of the socket.
Specifications
Hex Size:
3/32''
Short Arm Length:
0.75'' (1.9 cm)
Long Arm Length:
3.5'' (8.9 cm)
Weight:
0.08 oz (2.3 g)


Similar Part No. - BL6

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
BL6 KLEIN-BL6 Datasheet
2Mb / 8P
Hex-Key Wrenches
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
Meets Safety Agency Requirements
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
Single Mode Bluetooth Low Energy (BLE) Module
BL600-SA-32 LSTD-BL600-SA-32 Datasheet
2Mb / 50P
Single Mode Bluetooth Low Energy (BLE) Module
BL600-SC LSTD-BL600-SC Datasheet
2Mb / 50P
Single Mode Bluetooth Low Energy (BLE) Module
More results

Similar Description - BL6

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60320 QUANTUM-QT60320 Datasheet
376Kb / 14P
32 KEY QMATRIX CHARGE-TRANSFER IC
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
32-KEY QMATRIX CHARGE-TRANSFER IC
QT60486 QUANTUM-QT60486 Datasheet
880Kb / 32P
32 & 48 KEY QMATRIX ICs
logo
Pomona Electronics
6440 POMONA-6440 Datasheet
19Kb / 1P
Nut, Hex 8-32
6441 POMONA-6441 Datasheet
17Kb / 1P
Nut, Hex-32
logo
Amphenol Corporation
AT04-08PA-EC01 AMPHENOL-AT04-08PA-EC01 Datasheet
633Kb / 1P
Recpt, 8 Way, Key A, End Cap
logo
List of Unclassifed Man...
D00601 ETC1-D00601 Datasheet
30Kb / 1P
Folding Ball End Hex Key Set
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
Bud Industries, Inc.
HH-3580-B BUD-HH-3580-B Datasheet
58Kb / 1P
HAND HAND BOX (STYLE L)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com