Electronic Components Datasheet Search
  English  ▼

X  

BAS40-06 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # BAS40-06
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS40-06 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button BAS40-06 Datasheet HTML 13Page - NXP Semiconductors BAS40-06 Datasheet HTML 14Page - NXP Semiconductors BAS40-06 Datasheet HTML 15Page - NXP Semiconductors BAS40-06 Datasheet HTML 16Page - NXP Semiconductors BAS40-06 Datasheet HTML 17Page - NXP Semiconductors BAS40-06 Datasheet HTML 18Page - NXP Semiconductors BAS40-06 Datasheet HTML 19Page - NXP Semiconductors BAS40-06 Datasheet HTML 20Page - NXP Semiconductors BAS40-06 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
BAS40_1PSXXSB4X_SER_7
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 12 May 2006
19 of 21
Philips Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BAS40_1PSXXSB4X_
SER_7
20060512
Product data sheet
-
BAS40_1PSXXSB4X_
SER_6
Modifications:
• Type number BAS40XY added
• Table 9 “Packing methods”: added packing method 2 mm pitch for SOD523
• Figure 27 “Wave soldering footprint SOT363 (SC-88)”: amended
• Figure 29 “Reflow soldering footprint SOT666”: amended
• Section 12 “Legal information”: updated
BAS40_1PSXXSB4X_
SER_6
20050809
Product data sheet
-
1PS70SB40_3
1PS75SB45_2
1PS76SB40_3
1PS79SB40_2
1PS88SB48_3
BAS40H_1
BAS40L_1
BAS40-05V_1
BAS40-07V_1
BAS40W_3
BAS40_SERIES_5
1PS70SB40_3
19990426
Product specification
-
1PS70SB40_2
1PS75SB45_2
19990426
Product specification
-
1PS75SB45_1
1PS76SB40_3
20040126
Product specification
-
1PS76SB40_2
1PS79SB40_2
19990426
Product specification
-
1PS79SB40_1
1PS88SB48_3
20021107
Product specification
-
1PS88SB48_2
BAS40H_1
20050425
Product data sheet
-
-
BAS40L_1
20030520
Product specification
-
-
BAS40-05V_1
20021121
Product specification
-
-
BAS40-07V_1
20020327
Product specification
-
-
BAS40W_3
19990426
Product specification
-
BAS40W_2
BAS40_SERIES_5
20011010
Product specification
-
BAS40_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com