Electronic Components Datasheet Search
  English  ▼

X  

PCE-010 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-010
Description  Handheld Refractometer PCE-010
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-010 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-010 Datasheet HTML 1Page - PCE Instruments. PCE-010 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 to 10% Brix (sucrose or sugar content)
Resolution
±0.1%
Accuracy
±0.1%
General specifications
Calibration: Zero calibration with distilled water at 20 °C / 68°F
Automatic temperature compensation (ATC) range: 10 ... 30 °C / 50 ... 86 °F
Dimensions: Approx. 172 x 20 mm diameter /6.77 x 0.79" diameter
Weight: Approx. 260 g / 0.58 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com