Electronic Components Datasheet Search
  English  ▼

X  

PCE-RT2000 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-RT2000
Description  Profilometer PCE-RT 2000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RT2000 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-RT2000 Datasheet HTML 1Page - PCE Instruments. PCE-RT2000 Datasheet HTML 2Page - PCE Instruments. PCE-RT2000 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Measurement parameters
Ra, Rq, Rsm, Rsk, Rz, Rt, Rp, Rv, Rc
Measuring ranges
Ra, Rq, Rc: 0.005 μm ... 16 μm
Rz, Rt, Rp, Rv: 0.02 μm ... 200 μm
Rsm: 5 μm ... 1000 μm
Rsk: -1 ... 1
Radius stylus tip
5 μm
Material stylus tip
Diamond, 90° angled
Max. Recommended force for static
measurement
4 mN (0.4 gf)
Measuring principle
Inductive
Radius longitudinal guide bar
45 mm / 1.8 in
Standards
ANSIB46.1/ASMEB46.1 (DIN EN ISO
4287)
Maximum driving distance
15 mm / 0.6 in
Cut-off wavelength (cut off)
0.135 mm / s at cut-off wavelength:
0.25 mm
0.5 mm / s at cut-off wavelength: 0.8
mm
1 mm / s at cut-off wavelength: 2.5
mm
Reversing speed: 1 mm / s
Measurement accuracy
<± 10%
Repeatability
<6%
Display
OLED
Units
μm / μinch (switchable)
Interface
Micro USB
Power supply
Rechargeable Li-ion battery
 
More information
Manual
Software Manual
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com