Electronic Components Datasheet Search
  English  ▼

X  

PCE-RT2200 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RT2200
Description  Roughness Tester PCE-RT 2200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RT2200 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RT2200 Datasheet HTML 1Page - PCE Instruments. PCE-RT2200 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measured parameters
Ra, Rz, Rq, Rx, Rt, Rp, Rv, R3z, R3y, RzJIS,
Rsk, Rku, Rsm, Rmr
Measuring range
Ra: 0.005 ... 16 µm
Rz: 0.02 ... 160 µm
Sampling length/cutoff wavelength lr
= λc
0.25 / 0.8 / 2.5 mm
Total scanning distance
1 ... 5 mm
Standards
ANSIB46.1/ASMEB46.1 (DIN EN ISO 4287)
Stylus
Touch diamond with 5 μm tip radius
Filters
RC, PCRC, Gauss, ISO13565
Display
LCD 128 x 64 Dot matrix
Interface
USB
Internal memory
Stores up to 100 data sets
Power supply
Rechargeable Li-Ion battery
Dimensions
141 x 55 x 40 mm / 5.55 x 2.17 x 1.57 in
Weight
400 g / 0.88 lbs
More information
Manual
Software Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com