Electronic Components Datasheet Search
  English  ▼

X  

B5040 Datasheet(PDF) 3 Page - EPCOS

Part # B5040
Description  SAW Components SAW IF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5040 Datasheet(HTML) 3 Page - EPCOS

  B5040 Datasheet HTML 1Page - EPCOS B5040 Datasheet HTML 2Page - EPCOS B5040 Datasheet HTML 3Page - EPCOS B5040 Datasheet HTML 4Page - EPCOS B5040 Datasheet HTML 5Page - EPCOS B5040 Datasheet HTML 6Page - EPCOS B5040 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Mar 16, 2006
B5040
468.0 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =50 Ω single ended and matching network
Terminating load impedance:
ZL =50 Ω single ended and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
468.0
—
MHz
Minimum insertion attenuation
α
min
—
11.2
13.0
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 2.25 MHz
—
0.6
1.2
dB
fN ± 2.50 MHz
—
1.3
2.0
dB
Group delay ripple (p-p)
∆τ
fN ± 2.25 MHz
—
120
250
ns
Absolute group delay
fN ± 2.50 MHz
τ
—
0.5
1.5
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 3.5 ...
fN ± 5.0 MHz
10
15
—
dB
fN ± 5.0 ...
fN ± 10.0 MHz
35
42
—
dB
fN ± 10.0 ...
fN ± 20.0 MHz
40
48
—
dB
30.0 MHz ...
fN − 20.0 MHz
50
57
—
dB
fN + 20.0 MHz ...
fN + 24.0 MHz
45
52
—
dB
fN + 24.0 MHz ... 1000 MHz
50
55
—
dB
Return loss, input
fN ± 2.25 MHz
8
12
—
dB
Return loss, output
fN ± 2.25 MHz
8
20
—
dB
Temperature coefficient of frequency1)
1) Temperature dependance of f
c:fc(TA) = fc(T0) (1 + TCf(TA – T0)
2)
TCf
—
–0.036
—
ppm/K2
Turnover temperature
T0
—20
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com