Electronic Components Datasheet Search
  English  ▼

X  

B9015 Datasheet(PDF) 4 Page - EPCOS

Part # B9015
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9015 Datasheet(HTML) 4 Page - EPCOS

  B9015 Datasheet HTML 1Page - EPCOS B9015 Datasheet HTML 2Page - EPCOS B9015 Datasheet HTML 3Page - EPCOS B9015 Datasheet HTML 4Page - EPCOS B9015 Datasheet HTML 5Page - EPCOS B9015 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
October 22, 2003
SAW Components
B9015
897,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80˚C
Terminating source impedance:
ZS = 200 Ω || 82 nH
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
897,5
—
MHz
Maximum insertion attenuation
α
max
880,0
... 915,0
MHz
—
2,7
3,2
dB
Amplitude ripple (p-p)
∆α
880,0
...9150,0
MHz
—
1,0
1,8
dB
Input VSWR
880,0
... 915,0
MHz
—
1,8
2,1
Output VSWR
880,0
... 915,0
MHz
—
1,7
2,0
Output phase balance (
φ(S31)−φ(S21)+180˚)
880,0
... 915,0
MHz
-10,0
0,0
+10,0
˚
Output amplitude balance
(|S31/S21|)
880,0
... 915,0
MHz
-1,0
0,0
-1,0
dB
Attenuation
α
0,0
... 800,0
MHz
55,0
72,0
—
dB
800,0
... 850,0
MHz
45,0
56,0
—
dB
850,0
... 871,0
MHz
12,0
23,0
—
dB
935,0
... 960,0
MHz
20,0
28,0
—
dB
960,0
...1000,0
MHz
34,0
36,0
—
dB
1000,0
...6000,0
MHz
40,0
60,0
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com