Electronic Components Datasheet Search
  English  ▼

X  

B9016 Datasheet(PDF) 3 Page - EPCOS

Part # B9016
Description  Low-Loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9016 Datasheet(HTML) 3 Page - EPCOS

  B9016 Datasheet HTML 1Page - EPCOS B9016 Datasheet HTML 2Page - EPCOS B9016 Datasheet HTML 3Page - EPCOS B9016 Datasheet HTML 4Page - EPCOS B9016 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Dec 14, 2004
SAW Components
B9016
1575,42 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -30 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω unbal.
Terminating load impedance:
ZL = 50 Ω unbal.
min.
typ.
max.
Nominal frequency
fN
—
1575,42
—
MHz
Maximum insertion attenuation
α
max
1574,67MHz ...
1576,17 MHz
—
1,4
2,0
dB
Amplitude ripple in passband (p-p)
∆α
1574,67MHz ...
1576,17 MHz
—
0,05
0,3
dB
Phase linearity
1574,67MHz ...
1576,17 MHz
—
0,05
0,3
deg
Attenuation
α
0,1 MHz ...
915,0 MHz
35
42
—
dB
915,0 MHz ...
1400,0 MHz
30
42
—
dB
1648,0 MHz ...
1698,0 MHz
36
39
—
dB
1698,0 MHz ...
1850,0 MHz
28
46
—
dB
1850,0 MHz ...
1980,0 MHz
35
46
—
dB
1980,0 MHz ...
2245,0 MHz
25
36
—
dB
2245,0 MHz ...
3555,0 MHz
25
50
—
dB
5275,0 MHz ...
5535,0 MHz
5
45
—
dB
VSWR
1574,67MHz ...
1576,17 MHz
—
1,3
1,8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com