Electronic Components Datasheet Search
  English  ▼

X  

B43888 Datasheet(PDF) 7 Page - EPCOS

Part # B43888
Description  Single-ended capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43888 Datasheet(HTML) 7 Page - EPCOS

Back Button B43888 Datasheet HTML 3Page - EPCOS B43888 Datasheet HTML 4Page - EPCOS B43888 Datasheet HTML 5Page - EPCOS B43888 Datasheet HTML 6Page - EPCOS B43888 Datasheet HTML 7Page - EPCOS B43888 Datasheet HTML 8Page - EPCOS B43888 Datasheet HTML 9Page - EPCOS B43888 Datasheet HTML 10Page - EPCOS B43888 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
25
°C
Ω
ESRmax
120 Hz
20
°C
Ω
Zmax
100 kHz
20
°C
Ω
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
beolow)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 16 mm to 18 × 31.5 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 10 × 16 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 350 V DC
6.8
10
× 16
1707
48.8
5.40
180
306
B43888A4685M***
10
10
× 20
1161
33.2
4.00
240
408
B43888A4106M***
22
12.5
× 25
528
15.1
2.10
440
748
B43888A4226M***
33
16
× 20
352
10.0
3.40
570
969
B43888A4336M***
47
16
× 31.5
247
7.1
1.90
810
1377
B43888A4476M***
47
20
× 20
247
7.1
1.20
790
1343
B43888F4476M***
68
18
× 31.5
171
4.9
1.30
1040
1768
B43888A4686M***
VR = 400 V DC
6.8
10
× 16
2048
58.5
5.40
180
306
B43888A9685M***
10
10
× 20
1393
39.8
4.00
240
408
B43888A9106M***
22
12.5
× 25
633
18.1
2.10
440
748
B43888A9226M***
33
16
× 25
422
12.1
2.00
620
1054
B43888A9336M***
47
16
× 31.5
296
8.5
1.50
810
1377
B43888A9476M***
47
20
× 20
296
8.5
1.20
790
1343
B43888F9476M***
68
18
× 31.5
205
5.9
1.30
1040
1768
B43888A9686M***
VR = 450 V DC
6.8
10
× 20
2048
58.5
4.00
200
340
B43888A5685M***
10
12.5
× 20
1393
39.8
3.20
270
459
B43888A5106M***
22
16
× 25
633
18.1
2.10
510
867
B43888A5226M***
22
18
× 20
633
18.1
2.60
500
850
B43888F5226M***
33
16
× 31.5
422
12.1
1.90
680
1156
B43888A5336M***
47
18
× 31.5
296
8.5
1.20
870
1479
B43888A5476M***
B43888
Very long useful life
105
°C
Page 7 of 24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com