Electronic Components Datasheet Search
  English  ▼

X  

PCD6001H Datasheet(PDF) 79 Page - NXP Semiconductors

Part # PCD6001H
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001H Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button PCD6001H Datasheet HTML 75Page - NXP Semiconductors PCD6001H Datasheet HTML 76Page - NXP Semiconductors PCD6001H Datasheet HTML 77Page - NXP Semiconductors PCD6001H Datasheet HTML 78Page - NXP Semiconductors PCD6001H Datasheet HTML 79Page - NXP Semiconductors PCD6001H Datasheet HTML 80Page - NXP Semiconductors PCD6001H Datasheet HTML 81Page - NXP Semiconductors PCD6001H Datasheet HTML 82Page - NXP Semiconductors PCD6001H Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
2001 Apr 17
79
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
17.4
Analog supplies and general purpose ADC and DAC
Notes
1. VBGP output current is zero. Decoupling capacitance between VBGP and VSSA is 100 nF.
2. The VREF output current is zero however the VREF output buffer is loaded via VMIC (see note 3). Decoupling
capacitance between VREF and VSSA is between 1 and 100 µF, with a 100 nF capacitance in parallel. The output can
only source current (i.e. not sink).
3. Pin VMIC is connected to VREF via an internal switch. The VMIC switch is closed by setting SYMOD.4 = 1. The VMIC
DC output current is max. 400
µA, and VREF must be programmed to its typical value. For the connections of VMIC to
a microphone (see Fig.36). VMIC adjustment can only be done by adjusting VREF.
4. Output resistances represent the theoretical maximum which can be guaranteed by design. Actual output resistance
values can vary depending on several conditions as processing, temperature and drive signal shape.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VBGP
AVR bandgap voltage
note 1
1.15
1.23
1.30
V
VREF(RESET)
reference voltage, after reset
note 2
1.9
2.0
2.1
V
VREF(TUNED)
reference voltage when tuned via
VREFR
−
30
−
mV
dVMIC
VREF − VMIC
note 3
−
40
−
mV
VADIN,OFS
ADIN1 and ADIN2 input offset
voltage
−
20
50
mV
VADIN1,2
ADIN1 and ADIN2 input voltage
range
0
−
VREF
mV
RADIN1,2
ADIN1 and ADIN2 input
resistance
210
−
M
Ω
RDAOUT
DAOUT output resistance
note 4
−
7
−
k
Ω
VDAOUT
DAOUT output voltage range
8
−
VREF
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com