Electronic Components Datasheet Search
  English  ▼

X  

AHT25 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
6 / 14
Do not use the sensor in corrosive gas or condensed water.
4.2 Storage Conditions and Operating Instructions
The level of the humidity sensitivity (MSL) is 1, according to the IPC/JEDEC J-STD-020
standard. Therefore, it is recommended to use it within one year after shipment.
This kind of the sensor is not an ordinary electronic component and needs to be carefully
protected. Users must pay more attention to this key point. Long-term exposure to high
concentrations of chemical vapor will cause the output signal of the sensor drift. Therefore, it is
recommended to store the sensor in the original packaging including a sealed ESD bag, and
meet the following conditions: temperature range 10℃ - 50℃ (a limited time within 0-85℃ );
humidity 20-60%RH (the sensor without ESD package). For those sensors which had been
removed from the original packaging, we recommend to store them in an antistatic bag made
of PET/AL/CPE containing metal.
During production and transportation, the sensor should be avoided to contact with high
concentrations of chemical solvents and long-term exposure in the air. It is should to avoid to
contact with volatile glues, tapes, stickers or volatile packaging materials, such as foam foils
and foam materials, etc. The area of production should be well ventilated.
4.3 Recovery Processing
As mentioned above, if the sensor had been exposed to extreme working conditions or
chemical vapors, the output signal will drift. It can be restored to the calibration state by the
following processing.
Drying: Keep for 6 hours under 60-65℃ and <5%RH humidity conditions;
Rehydration: Keep for 6 hours under 20-30℃ and >75%RH humidity conditions7.
4.4 Temperature Effect
The relative humidity of the gas depends to a large extent on the temperature. Therefore, it is
necessary to ensure that all sensors measuring the same humidity operate at the same
condition of temperature. It should to make sure that the tested sensor and the reference
sensor are at the same conditions when operate the test, and then compare the output signals.
In addition, when the measurement is at high frequency, the temperature of the sensor will rise,
so it will affect the accuracy. If you want to ensure the variation of the temperature of the
sensor is less than 0.1°C, the activation time of ATH25 should not exceed 10% of the
measurement time. It is recommended to measure the data every 2 seconds.
4.5 Materials for Sealing and Encapsulation
Many materials can absorb moisture and will act as a buffer, which will increase the time of
response and lag. Therefore, the materials around the sensors should be carefully selected.
The recommended materials are: metal materials, LCP, POM(Delrin), PTFE(Teflon), PE, PEEK,
PP, PB, PPS, PSU, PVDF, PVF.
Material used for sealing and bonding (conservative recommendation): It is recommended to
use epoxy resin or silicone resin to encapsulate electronic components. The gases released by
these materials may also contaminate ATH25 (see 4.2). Therefore, the sensor should be
assembled last, and stored in a well-ventilated place, or dried for 24 hours in an environment
of >50℃ , so as to release the polluted gas before packaging.
4.6 Wiring Rules and Signal Integrity
If the signal lines of SCL and SDA are parallel and very close to each other, it may cause signal
crosstalk and communication failure. The solution is to place VDD and/or GND between the two
signal lines, separate the signal lines, and use shielded cables. In addition, reduce SCL
frequency may also improve the integrity of signal transmission. This capacitor should be as
close as possible to the sensor. See the next chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com