Electronic Components Datasheet Search
  English  ▼

X  

ATS1201E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATS1201E
Description  8-32 zones DGP input expander, 3A power supply, medium metal housing, EN Grade 3 Class II
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATS1201E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATS1201E Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS1201E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATS1201E
8-32 zones DGP input expander, 3A power supply, medium metal housing, EN Grade 3 Class
II
Technical specifications
General
Expander type
Input expander
Product line
Advisor Advanced, ATS Master
Connection type
Databus connection
Compatibility
Advisor Advanced, Advisor Master
Max. distance from
panel
1.5 km
Max. per panel
15 / 30 (depending on panel type)
Specified cable
WCAT 52/54
System
Addressing
DIP Switches
End-of-line resistor
Selectable
Inputs
Total
32
Onboard
8
Expandable
24 (3x ATS1202)
Outputs
Total
32
Onboard
8
Expandable
24
Type uitgangen
Open Collector
Relays
via ATS1810 / ATS1811
Maximum number of
outputs
32
Siren outputs
1
Backup
Battery type
Up to 18Ah
Dynamic battery testing Yes
Electrical
Operating voltage
13.8 VDC
Power supply type
230 VAC
Power supply value
230 VAC, 50 Hz, 56 VA
Power consumption
Expander consumption: 2.9 A max. at 13.8 VDC
Main board consumption: 75 mA at 13.8 VDC
Current consumption
75 mA typical
Integrated power supply Yes
Physical
Physical dimensions
315 x 388 x 85 mm
Net weight
5.4 kg
Material
Steel (painted)
Housing
ATS1641
Environmental
Operating temperature -10 to +55°C
Relative humidity
95% noncondensing
Environment
EN50130-5 ; Class II - Indoor (general)
IP rating
IP30
Regulatory
Compliancy
CE
Certification
CE
As a company of innovation, Carrier Fire & Security reserves the right to change product
specifications without notice. For the latest product specifications, visit firesecurityproducts.com
online or contact your sales representative.
Last updated on 5 May 2023 - 9:32



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com