Electronic Components Datasheet Search
  English  ▼

X  

DC30A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DC30A
Description  Create Best Small Electric DC Water Pump
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DC30A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DC30A Datasheet HTML 1Page - List of Unclassifed Manufacturers DC30A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLDC PUMP . Shenzhen of China
https://www.bldcpump.com/
https://dcwaterpump.com/
email: sales@bldcpump.com
BLDC PUMP
BLDC PUMP
BLDC PUMP DATA SHEET
DATA SHEET
DATA SHEET
Create Best Small Electric DC Water Pump
MODEL CODE INSTRUCTION
MODEL CODE INSTRUCTION
MODEL CODE INSTRUCTION
DC
45A
24
80
PWM
-
Direct-current
Series Name
Rated operating voltage
Max Head
80 means max head is 8 meters
Optional
Three-phase
PWM: PWM speed adjust (50-800Hz/5V)
VR: 0-5V analog signal / potentiometer speed adjust
S: fixed speed, no sensor
Two-phase
T or none: Hall sensor-driven
MODE LIST
MODE LIST
MODE LIST
DC30A-0406
DC4.5V
DC4.5V
0.10A
100L/H
0.6M
0.9M
1.3M
1.5M
1.9M
2.5M
3.0M
120L/H
170L/H
200L/H
210L/H
230L/H
240L/H
0.11A
0.11A
0.18A
0.22A
0.31A
0.40A
DC6V
5-6V
5-9V
5-12V
5-12V
5-12V
5-12V
DC9V
DC12V
DC12V
DC12V
DC12V
DC30A-0609
DC30A-0913
DC30A-1215
DC30A-1219
DC30A-1225
DC30A-1230
Model
Rated Voltage
Rated Current
Max Flow
Max Head
Operating Voltage Range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com