Electronic Components Datasheet Search
  English  ▼

X  

ST103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST103
Description  Sleek Design with Compelling Enterprise Benefits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST103 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
ST103 ANDROID ENTERPRISE SMART TABLET
Android Enterprise Smart Tablet
ST103
Sleek Design with
Compelling Enterprise Benefits
Markets and
Applications
Retail
• Customer Engagement
• Mobile Point-of-Sale (mPOS)
• Direct Store Delivery (DSD)
• Inventory Management
• Line Busting
Restaurant & Hospitality
• Order Taking
• Point of Sale (POS)
Field Services
• Work Order Management
• Asset Management
FMCG
• Merchandising
• Survey
Healthcare
• Point of Care
• Patient Record
Enterprise Performance
With adopting Qualcomm Snapdragon® ,
the best CPU for enterprise and Android
10, ST103 makes you do businessfaster
and more securely, enhancing work
efficiency.
Slim, Trim, Light Design
Staying with consumer styling form factor as
well as enterprise features at the sametime,
allowing you to use in the customer-facing
environments.
Long-lasting Battery
The energy-efficient processor combines
with high capacity of 6000mAh,preserving
the battery life to make sure it lasts the
entire work shift and longer.
Fast, Stable Connectivity
ST103 supports the fastest wireless
connection of 802.11 a/b/g/n/ac/d/r/h/i/v/k/w
to guarantee maximum speed and
compatibility with WLAN, supporting 4GLTE
as options.
Optimized Efficiency in Field
Work
ST103 has adopted display that provides
clear and bright visibility under outdoor
conditions with auto-sensing glove, wet
touch technology and stylus supporting
uninterrupted productivity in work
environment.
Scratch Resistant Display
10.1-inch multi-touch display isprotected
by Corning® Gorilla® Glass to provide
exceptionally resistance to scratches and
deep chips.
OS
Performance
Wireless
Battery
Operating Temp.
Camera
Display
Android 10.x
Octa-Core Processor
W ifi,Bluetooth
Long-lasting 6000mAh
-20
°C to 50°C
-4
°F to122°F
13MP Autofocus
with flash
10.1”WXGA
(1280 x 800)
(Optional)


Similar Part No. - ST103

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST103003 E-SWITCH-ST103003 Datasheet
111Kb / 1P
All Dimension In MM
ST103008 E-SWITCH-ST103008 Datasheet
124Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST103009 E-SWITCH-ST103009 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST103010 E-SWITCH-ST103010 Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST103013 E-SWITCH-ST103013 Datasheet
127Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST103

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
Moulded Switch Features and Benefits
logo
Pomona Electronics
6863 POMONA-6863 Datasheet
95Kb / 1P
Sleek light weight design.
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
Features & Benefits
logo
VIA Technologies, Inc.
ARTIGOA630 VIA-ARTIGOA630 Datasheet
438Kb / 2P
Enterprise IoT Systems
logo
Toshiba Semiconductor
MG04ACAXXXN TOSHIBA-MG04ACAXXXN Datasheet
171Kb / 2P
ENTERPRISE CAPACITY HDD
Rev. 01: January, 2018
MG07ACA TOSHIBA-MG07ACA Datasheet
194Kb / 2P
ENTERPRISE CAPACITY HDD
Rev. 01: December, 2018
MG08 TOSHIBA-MG08 Datasheet
251Kb / 2P
ENTERPRISE CAPACITY HDD
Rev. 01: September, 2019
MG03ACAXXX TOSHIBA-MG03ACAXXX Datasheet
593Kb / 2P
ENTERPRISE CAPACITY HDD
Rev. 00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com