Electronic Components Datasheet Search
  English  ▼

X  

CEV65S Datasheet(PDF) 2 Page - TR Electronic All rights reserved

Part # CEV65S
Description  Absolute-Encoder CEV 65 S/M - PN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRELECTRONIC [TR Electronic All rights reserved]
Direct Link  https://www.trelectronic.com/
Logo TRELECTRONIC - TR Electronic All rights reserved

CEV65S Datasheet(HTML) 2 Page - TR Electronic All rights reserved

  CEV65S Datasheet HTML 1Page - TR Electronic All rights reserved CEV65S Datasheet HTML 2Page - TR Electronic All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.A - 2
CEV65-PN-1-GB-2-00.DOC
11/07
Revision 00
CEV65-PN-1-GB-2
©TR-Electronic GmbH
Subject to change
Eglishalde 6
D-78647 Trossingen
Tel. +49 - (0) 74 25 / 228 - 0
Fax +49 - (0) 74 25 / 228 - 33
http://www.tr-electronic.de
Germany
Vibration, DIN EN 60068-2-6: 1996....................................... ≤ 100 m/s
2, sine 50-2000 Hz
Shock, DIN EN 60068-2-27: 1995......................................... ≤ 1000 m/s
2, half-sine 11ms
EMC
- Discharge of static electricity, DIN EN 61000-4-2: 2001
- Burst, DIN EN 61000-4-4: 2004
- Immunity to disturbance, DIN EN 61000-6-2: 2001
Working temperature ............................................................. 0 °C…+60 °C, optional -20 °C…+70 °C
Storage temperature.............................................................. -30 °C…+80 °C, dry
Relative humidity, DIN EN 60068-3-4: 2002 ......................... 98 %, non condensing
Protection class, DIN EN 60529: 1991
2) ............................... IP 65
2) valid with screwed on mating connector and / or screwed together cable gland
Absolute-Encoder CEV 65 S/M - PN
Environmental conditions
Dimension drawing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com