Electronic Components Datasheet Search
  English  ▼

X  

MA64TCA Datasheet(PDF) 1 Page - MTRONPTI

Part # MA64TCA
Description  14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MA64TCA Datasheet(HTML) 1 Page - MTRONPTI

  MA64TCA Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 11-21-06
MA Series
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
Pin Connections


Similar Part No. - MA64TCA

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MA64TCA MTRONPTI-MA64TCA Datasheet
258Kb / 1P
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA64TCA-R MTRONPTI-MA64TCA-R Datasheet
258Kb / 1P
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
More results

Similar Description - MA64TCA

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MHO MTRONPTI-MHO Datasheet
261Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
K1100BA MTRONPTI-K1100BA Datasheet
369Kb / 2P
14 PIN dip 5.0 volt clock oscillator
M3A MTRONPTI-M3A Datasheet
222Kb / 1P
8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
K1100BA MTRONPTI-K1100BA_07 Datasheet
353Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
K3100G MTRONPTI-K3100G_07 Datasheet
311Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
M3A_0611 MTRONPTI-M3A_0611 Datasheet
195Kb / 1P
8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
MHO+ MTRONPTI-MHO+ Datasheet
236Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
logo
Connor-Winfield Corpora...
AC73 CONNOR-WINFIELD-AC73 Datasheet
190Kb / 1P
14 PIN DIP ACMOS CLOCK OSCILLATOR
logo
MTRONPTI
MA MTRONPTI-MA_07 Datasheet
258Kb / 1P
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MHO+ MTRONPTI-MHO+_07 Datasheet
408Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com