Electronic Components Datasheet Search
  English  ▼

X  

PCF1174C Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF1174C
Description  4-digit static LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1174C Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF1174C Datasheet HTML 7Page - NXP Semiconductors PCF1174C Datasheet HTML 8Page - NXP Semiconductors PCF1174C Datasheet HTML 9Page - NXP Semiconductors PCF1174C Datasheet HTML 10Page - NXP Semiconductors PCF1174C Datasheet HTML 11Page - NXP Semiconductors PCF1174C Datasheet HTML 12Page - NXP Semiconductors PCF1174C Datasheet HTML 13Page - NXP Semiconductors PCF1174C Datasheet HTML 14Page - NXP Semiconductors PCF1174C Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Apr 16
11
Philips Semiconductors
Product specification
4-digit static LCD car clock
PCF1174C
CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Fig.7 Bonding pad locations, PCF1174CU; 40 terminals.
Chip area: 6.4 mm2.
Bonding pad dimensions: 110
µm × 110 µm.
Chip thickness: 381
±25 mm.
MSA998
0
0
2.12 mm
FLASH
x
SEL
S2
A4
F4
G4
B3
AD3
F3
G3
COL
B2
PCF1174CU
DATA
S1
B4
C4
D4
E4
C3
E3
C2
D2
E2
C1
3.02 mm
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com