Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA296A Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA296A Datasheet HTML 2Page - Texas Instruments INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
(2)
This package is preview only.
7.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range(1)
VIN+, VIN– = –5 V to 110 V, VSENSE = 0 mV
TA = –40°C to 125°C
–5
110
V
CMRR
Common-mode rejection ratio, input-
referred
VIN+, VIN– = –5 V to 110 V, VSENSE = 0 mV
TA = –40°C to 125°C, INA296A
150
166
dB
VIN+, VIN– = –5 V to 110 V, VSENSE = 0 mV
TA = –40°C to 125°C, INA296B
120
130
f = 50 kHz
105
Vos
Offset voltage, input-referred
VSENSE = 0 mV, INA296A1
±5
±20
µV
VSENSE = 0 mV, INA296A2
±3
±15
VSENSE = 0 mV, INA296A3, INA296A4
±3
±10
VSENSE = 0 mV, INA296A5
±2
±8
VSENSE = 0 mV, INA296B
±25
±150
dVos/dT
Offset voltage drift, input-referred
TA = –40°C to 125°C, INA296A1
±50
±250
nV/°C
TA = –40°C to 125°C, INA296A2
±30
±150
TA = –40°C to 125°C, INA296A3,
INA296A4, INA296A5
±20
±100
TA = –40°C to 125°C, INA296B
±100
±500
PSRR
Power-supply rejection ratio, input-
referred
VS = 2.7 V to 20 V, VSENSE = 0 mV,
VREF1 = VREF2 = 1V,
TA = –40°C to 125°C, INA296A1
±0.2
±1
µV/V
VS = 2.7 V to 20 V, VSENSE = 0 mV,
VREF1 = VREF2 = 1V,
TA = –40°C to 125°C, INA296A2
±0.1
±0.75
VS = 2.7 V to 20 V, VSENSE = 0 mV,
VREF1 = VREF2 = 1V,
TA = –40°C to 125°C, INA296A3,
INA296A4, INA296A5
±0.06
±0.5
VS = 2.7 V to 20 V, VSENSE = 0 mV,
VREF1 = VREF2 = 1V,
TA = –40°C to 125°C, INA296B
±1
±10
IB
Input bias current
IB+, IB–, VSENSE=0 mV
25
35
45
uA
Reference input range
0
VS
V
OUTPUT
G
Gain
A1, B1 Devices
10
V/V
A2, B2 Devices
20
V/V
A3, B3 Devices
50
V/V
A4, B4 Devices
100
V/V
A5, B5 Devices
200
V/V
INA296A, INA296B
SBOSA04C – MARCH 2022 – REVISED OCTOBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com