Electronic Components Datasheet Search
  English  ▼

X  

MD8 Datasheet(PDF) 1 Page - SOVICO corp.

Part # MD8
Description  Antenna Divider System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

MD8 Datasheet(HTML) 1 Page - SOVICO corp.

  MD8 Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Noise Figure
In/Out Gain
Isolation
전용Antenna Gain
Output Voltage(for antenna booster)
사용전압
3.7dB (center frequency)
6dB
32dB min
8dB
DC 8V
DC 12V~15V
Weight
1.95 kg
Dimension
440(W)×44(H)×164(D)mm
MD8 (UHF 대역에 사용)
MD8
Antenna Divider System
DATA SHEET
T. 1600-7870 F. 02-2106-2856
경기도 양주시 권율로 1203번길 39-33
서울사무소(영업/AS). 서울시 서초구 남부순환로 2271-5
2020.01
※ 본 제품들의 사양은 제품보완을 통해 일부 변경될 수 있습니다.
Key features
Drawing
UHF 대역의 무선마이크 시스템을 위한 외부안테나 신호분배기 입니다.
RF 증폭기와 외부확장 안테나의 옵션장착이 가능합니다.
Spurious Interference의 영향을 최소화 하였습니다.
매우낮은 Inter-Modulation Distortion을 갖도록 설계 되였습니다.
2채널 또는 1채널 리시버 4대를 연결하여 사용이 가능합니다.
MD8은 최대4개의 UHF Diversity Wireless Microphone System을 위한 확장 안테나 분배기 입니다.
본 시스템은 사용시 확장안테나 및 RF 증폭기와 함께 사용됩니다.
440
44
164


Similar Part No. - MD8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD8001 CENTRAL-MD8001 Datasheet
47Kb / 1P
NPN SILICON EUAL TRANSISTOR
MD8001 CENTRAL-MD8001 Datasheet
54Kb / 1P
Dual Transistors
MD8001 CENTRAL-MD8001 Datasheet
54Kb / 1P
Dual Transistors
MD8001 CENTRAL-MD8001 Datasheet
51Kb / 1P
NPN SILICON DUAL TRANSISTOR
MD8001 CENTRAL-MD8001_15 Datasheet
51Kb / 1P
NPN SILICON DUAL TRANSISTOR
More results

Similar Description - MD8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3571B PHILIPS-TDA3571B Datasheet
529Kb / 11P
SYNC COMBINATION WITH TRANSMITTER IDENTIFICATION AND VERTICAL 625 DIVIDER SYSTEM
October 1982
logo
Harris Corporation
RF-7800W-AA001 HARRIS-RF-7800W-AA001 Datasheet
2Mb / 2P
CLOSED LOOP ANTENNA ALIGNMENT SYSTEM
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
Parabolic Dish Antenna System
logo
Laird Tech Smart Techno...
SA24-180-12 LSTD-SA24-180-12 Datasheet
648Kb / 1P
Low cost weatherproof sector antenna system
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
logo
Silicon Laboratories
SI477X-EVB SILABS-SI477X-EVB Datasheet
4Mb / 62P
Complete antenna-to-audio evaluation system
logo
Taoglas antenna solutio...
STS01A0115FB TAOGLAS-STS01A0115FB Datasheet
387Kb / 6P
Spartan Iridium Transceiver Antenna System
GRS01A024KSSX1 TAOGLAS-GRS01A024KSSX1 Datasheet
1Mb / 12P
Maverick GPS/GNSS/Beidou Smart Antenna Receiver System
logo
Ultralife Corporation.
AV2094-1 ULTRALIFE-AV2094-1 Datasheet
73Kb / 1P
Self-Steering Vehicular UHF SATCOM Antenna System
23NOV10 REV:-
AV2097-1 ULTRALIFE-AV2097-1 Datasheet
133Kb / 1P
Self-Steering Vehicular UHF SATCOM Antenna System
23NOV10 REV:-
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com