Electronic Components Datasheet Search
  English  ▼

X  

GP56 Datasheet(PDF) 2 Page - Nanotec Electronic GmbH & Co KG

Part # GP56
Description  High-torque planetary gearboxes GP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOTEC [Nanotec Electronic GmbH & Co KG]
Direct Link  https://en.nanotec.com/
Logo NANOTEC - Nanotec Electronic GmbH & Co KG

GP56 Datasheet(HTML) 2 Page - Nanotec Electronic GmbH & Co KG

  GP56 Datasheet HTML 1Page - Nanotec Electronic GmbH & Co KG GP56 Datasheet HTML 2Page - Nanotec Electronic GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GP42-S1
GP42-S2
GP56-S1
GP56-S2
GP56-T1
GP56-T2
Reductions
4/5/7/9
15/21/26/46
3/5/7/8/10
11/16/20/26/
33/43/62
3/5/7/8/10
11/16/20/26/
33/43/62
Rated torque
1.8-7.5 Nm
9.6-9.9 Nm
3.6-21.6 Nm
17.4-29.1 Nm
3.6-21.6 Nm
17.4-29.1 Nm
Rated speed
3,000 U/min
3,000 U/min
3,500 U/min
3,500 U/min
3,500 U/min
3,500 U/min
Service life
10,000 h
10,000 h
10,000 h
10,000 h
10,000 h
10,000 h
Efficiency
89%
83%
91%
86%
94%
92%
Matching motors NEMA 17,
DF45
NEMA 17,
DF45
NEMA 23/24,
APBA60, DFA90
NEMA 23/24,
APBA60, DFA90
NEMA 23/24,
APBA60, DFA90
NEMA 23/24,
APBA60, DFA90
Nanotec Electronic GmbH & Co. KG
Kapellenstraße 6, 85622 Feldkirchen, Germany
T +49 (0)89 900 686-0
F +49 (0)89 900 686-50
info@nanotec.de
www.nanotec.com
GP42
GP56-S
GP56-T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com