Electronic Components Datasheet Search
  English  ▼

X  

PCF1178C Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF1178C
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1178C Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF1178C Datasheet HTML 7Page - NXP Semiconductors PCF1178C Datasheet HTML 8Page - NXP Semiconductors PCF1178C Datasheet HTML 9Page - NXP Semiconductors PCF1178C Datasheet HTML 10Page - NXP Semiconductors PCF1178C Datasheet HTML 11Page - NXP Semiconductors PCF1178C Datasheet HTML 12Page - NXP Semiconductors PCF1178C Datasheet HTML 13Page - NXP Semiconductors PCF1178C Datasheet HTML 14Page - NXP Semiconductors PCF1178C Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Apr 16
11
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1178C
CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Fig.7 Bonding pad locations, PCF1178CU; 28 terminals.
Chip area: 5.61 mm2.
Bonding pad dimensions: 110
µm × 110 µm.
Chip thickness: 381
±25 µm.
MSB228
0
0
1.92 mm
OSC OUT
x
OSC IN
DATA
S1
BP1
BP2
AM/PM
A2/ADEG1
PCF1178CU
FLASH
SEL
S2
B4/C4
G4/D4
F4/E4
B3/C3
G3/AD3
2.92 mm
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com