Electronic Components Datasheet Search
  English  ▼

X  

784231091 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 784231091
Description  WE-CNSA SMT Common Mode Line Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

784231091 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  784231091 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 784231091 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 784231091 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 784231091 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 784231091 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 784231091 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
1
2
4
3
2±0,2
0,5 ref.
Recommended Land Pattern: [mm]
0,9
0,9
0,8
Scale- 12:1
Schematic:
1
2
3
4
1
2
Electrical Properties:
Properties
Test conditions
Value
Unit
Tol.
Inductance
L
0.131
µH
typ.
Impedance @ 100 MHz
Z
100 MHz
90
Ω
±25%
Rated Current
IR
ΔT = 40 K
370
mA
max.
DC Resistance
RDC @ 20 °C
0.3
Ω
max.
DC Resistance
RDC @ 20 °C
0.195
Ω
typ.
Insulation Test Voltage
VT
125
V (AC)
Rated Voltage
VR
50
V (DC)
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Halogen Free
Conform [JEDEC JS709B]
Halogen Free
Conform [IEC 61249-2-21]
Component Qualification
AEC-Q200 Grade 1
Automotive Approval
Released
General Properties:
Ambient Temperature (referring
to IR)
-40 up to +85 °C
Operating Temperature
-40 up to +125 °C
Storage Conditions (in original
packaging)
< 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL)
1
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
AGa
001.002
2022-10-11
DIN ISO 2768-1m
DESCRIPTION
WE-CNSA SMT Common Mode
Line Filter
ORDER CODE
784231091
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
0805
eiSos
Valid
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 784231091

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
784231061 WURTH-784231061 Datasheet
819Kb / 6P
WE-CNSA SMT Common Mode Line Filter
001.002
More results

Similar Description - 784231091

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744202 WURTH-744202 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744204 WURTH-744204 Datasheet
1Mb / 6P
WE-SL SMD Common Mode Line Filter
744212101 WURTH-744212101 Datasheet
1Mb / 6P
WE-SL1 SMD Common Mode Line Filter
744235251 WURTH-744235251 Datasheet
588Kb / 6P
WE-CNSW SMT Common Mode Line Filter
001.002
744232101 WURTH-744232101 Datasheet
529Kb / 6P
WE-CNSW SMT Common Mode Line Filter
002.001
744220203 WURTH-744220203 Datasheet
599Kb / 6P
WE-SL2 SMT Common Mode Line Filter
002.006
748032455 WURTH-748032455 Datasheet
558Kb / 6P
WE-CCMF SMT Ceramic Common Mode Filter
001.000
744220103 WURTH-744220103 Datasheet
557Kb / 6P
WE-SL2 SMT Common Mode Line Filter
002.007
748020024 WURTH-748020024 Datasheet
743Kb / 6P
WE-CCMF SMT Ceramic Common Mode Filter
001.006
748030024 WURTH-748030024 Datasheet
710Kb / 6P
WE-CCMF SMT Ceramic Common Mode Filter
001.001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com