Electronic Components Datasheet Search
  English  ▼

X  

7847714101 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7847714101
Description  WE-PDA SMT Shielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7847714101 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7847714101 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7847714101 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7847714101 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7847714101 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7847714101 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7847714101 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 7847714101 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 7847714101 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Packaging Specification - Tape: [mm]
Carrier Tape
End
Feeding direction
Start
Cover Tape
P2
P0
P1
T
K0
T1
T2
Top Cover
Tape
A0
No Component
min.160mm
Components
No Component
min.100mm
Cover Tape
min. 400mm
D0
D1
A
A
Tape Type
A0
B0
W
T
T1
T2
K0
P0
P1
P2
D0
D1
E1
E2
F
Material
Packaging Unit
typ.
typ.
±0,3
max.
max.
typ.
typ.
±0,1
±0,1
± 0,1
+0,1
min.
±0,1
min.
±0,1
pcs.
2a
10,40
10,70
24,00
0,60
0,10
6,00
5,50
4,00
16,00
2,00
1,50
1,50
1,75
22,25
11,50
Polystyrene
500
165° - 180°
Pull-off force
Tape width
24 mm
0,1 N - 1,3 N
B
C
W1
close to center
W3
W2
detail B
Cover Tape
Chip Cavity
Sprocket Hole
Embossment
B
A
(mm)
B
(mm)
C
(mm)
D
(mm)
N
(mm)
W1
(mm)
W2
(mm)
W3
(mm)
W3
(mm)
Material
± 2,0
min.
min.
min.
± 2,0
+ 2,0
max.
min.
max.
330,00
1,50
12,80
20,20
60,00
24,40
30,40
23,90
27,40
Polystyrene
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
JRS
003.002
2024-02-21
DIN ISO 2768-1m
DESCRIPTION
WE-PDA SMT Shielded Power
Inductor
ORDER CODE
7847714101
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
1050
eiSos
Valid from 2024-02-21 due to PCN
4/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
DRAFT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com