Electronic Components Datasheet Search
  English  ▼

X  

19349 Datasheet(PDF) 1 Page - Belden Inc.

Part # 19349
Description  Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

19349 Datasheet(HTML) 1 Page - Belden Inc.

  19349 Datasheet HTML 1Page - Belden Inc. 19349 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 19349
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
Product Description
Portable Cordage, 3 Conductor 16AWG (65x34) Bare Copper, PVC Insulation, PVC Outer Jacket, UL Type SJT
Technical Specifications
Product Overview
Suitable Applications:
Portable cordage and cordage
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 3
16
65x34
BC - Bare Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
PVC - Polyvinyl Chloride 0.033 in (0.84 mm) 0.123 in (3.12 mm)
Green/Yellow, Black, White
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
Paper Tape PVC - Polyvinyl Chloride 0.038 in (0.97 mm) 0.34 in (8.6 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
4.4 Ohm/1000ft
13 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
60°C
Bend Radius
Stationary Min. Installation Min.
3.4 in (86 mm)
3.4 in (86 mm)
Max. Pull Tension:
105.3 lbs (47.76 kg)
Bulk Cable Weight:
67 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Outdoor, Sunlight Resistance


Similar Part No. - 19349

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
193490 FESTO-193490 Datasheet
86Kb / 2P
Vacuum generator
logo
PHOENIX CONTACT
1934900 PHOENIX-1934900 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 6-PVH-5,0
1934913 PHOENIX-1934913 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 7-PVH-5,0
1934926 PHOENIX-1934926 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 8-PVH-5,0
logo
TE Connectivity Ltd
1934932-1 TEC-1934932-1 Datasheet
181Kb / 3P
Removal Kit 2215082-1 for Z-Pack TinMan Receptacles
More results

Similar Description - 19349

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19505 BELDEN-19505 Datasheet
145Kb / 2P
Portable Cordage, 3 C #14 Str BC, PVC Ins, PVC Jkt, UL Type STOW-A
12-22-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19363 BELDEN-19363 Datasheet
142Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19401 BELDEN-19401 Datasheet
143Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
03-04-2023
19510 BELDEN-19510 Datasheet
145Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJTOW-A
01-20-2023
9998 BELDEN-9998 Datasheet
139Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19402 BELDEN-19402 Datasheet
176Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
19403 BELDEN-19403 Datasheet
146Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com