Electronic Components Datasheet Search
  English  ▼

X  

28123AS Datasheet(PDF) 2 Page - Belden Inc.

Part # 28123AS
Description  TC VN/PVC, 16 C #12 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

28123AS Datasheet(HTML) 2 Page - Belden Inc.

  28123AS Datasheet HTML 1Page - Belden Inc. 28123AS Datasheet HTML 2Page - Belden Inc. 28123AS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
1.65 Ohm/1000ft
Current
Max. Recommended Current [A]
15 Amps per Conductor at 30ºC
Voltage
UL Description
UL Voltage Rating
Voltage Rating [V]
TC-ER
600 V RMS (Type TC) 600 V RMS (Type TC)
Temperature Range
UL Temp Rating:
90°C Dry, 90°C Wet
Operating Temperature Range:
-25°C To +90°C
Wet Temp Range:
-30°C To +90 °C
Dry Temp Range:
-30°C To +90 °C
Mechanical Characteristics
UV Resistance:
Yes
Min Bend Radius (Overall):
7.4 in
Standards
NEC/(UL) Compliance:
NPLF, TC-ER
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV): Yes
EU Directive 2011/65/EU
(RoHS 2):
Yes
EU Directive 2012/19/EU
(WEEE):
Yes
EU Directive 2015/863/EU
(RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
Suitability
Suitability - Burial:
Yes
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance: Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 Vertical Tray Flame Test
IEEE Flammability:
1202
UL voltage rating:
600 V RMS (Type TC)
Related Part Numbers
Variants
Item #
Put-Up Type
28123AS 0105000 Reel
History
Update and Revision:
Revision Number: 0.51 Revision Date: 01-10-2024



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com