Electronic Components Datasheet Search
  English  ▼

X  

PCE-ABT220 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-ABT220
Description  Analytical Balance PCE-ABT 220-DAkkS Incl. DAkkSCalibration Certificate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-ABT220 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-ABT220 Datasheet HTML 1Page - PCE Instruments. PCE-ABT220 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 220 g
Resolution
0.1 mg
Measurement accuracy ± 0.5 mg
Repeatability
± 0.2 mg
Linearity
± 0.5 mg
Calibration
internal
Weighing surface
Ø 80 mm stainless steel weighing pan
Settling time
< 4 s
Adjustable units
g, oz, ct, mg
Environmental conditions 10 ... 40 °C, <85 % r.H. not condensing
Touchscreen
5"
Interface
RS232
Power supply
220 V AC
Dimensions
340 x 215 x 350 mm
Weight
8.5 kg
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com