Electronic Components Datasheet Search
  English  ▼

X  

PCE-BSH6000 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-BSH6000
Description  Tabletop Scale PCE-BSH 6000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-BSH6000 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-BSH6000 Datasheet HTML 1Page - PCE Instruments. PCE-BSH6000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
- Weighing range: 0.3 ... 6000 g / 0.00066 ... 13 lbs
- Readability or resolution: 0.1 g
- Accuracy: ± 0.3 g
- Weighing unit selections: g, oz, lb, dwt, ozt, ct, tl.T, tl.H, tl.J, GN, dr, MM, ToLA,
GSM, TAR, TMR
- Display: LCD with backlight, 20 mm / 0.79" character height
- TARE: Multiple taring over full range
- Data interface: USB port
- Power supply: 12 V / 500 mA electric power adapter (included) or six 1.5 V AA
batteries
- Operating temperature: 0 ... +40 °C / +32 ... +104 °F
- Weighing platform dimensions: 160 x 180 mm / 6.3 x 7.08"
- Overall dimensions: 200 x 265 x 100 mm / 7.87 x 10.43 x 3.94"
- Overall weight: Approx. 1800 g / 3.94 lbs (without batteries)
See user manual for complete technical specifications.
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com