Electronic Components Datasheet Search
  English  ▼

X  

PCE-BSK310 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-BSK310
Description  Benchtop Scale PCE-BSK 310
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-BSK310 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-BSK310 Datasheet HTML 1Page - PCE Instruments. PCE-BSK310 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 310 g
Resolution
0.001 g
Repeatability
± 0.002 g
Linearity
± 0.003 g
Calibration
External
Windshield
Yes
Dimensions Weighing plate 
  
Ø 90 mm / 3.5 in 
Dimensions
270 x 265 x 190 mm / 10.6 x 10.4 x 7.5 in 
Weight
3.5 kg / 7.7 lbs
Operating conditions
17.5 ... 22.5°C /63.5 ... 72.5°F, 85% rh non-
condensing
Interface
RS232
Power supply
Battery / 3 x 1.5V AA
Power supply
Power adapter
 
Primary: 100 ... 240V, 50/60 Hz
 
Secondary: 6V, 500-mA
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com