Electronic Components Datasheet Search
  English  ▼

X  

SE35 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # SE35
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

SE35 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button SE35 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Type SE35 + S077
6 | 20
Visit product website 
1.3. Flowmeter
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Product properties
Material
Female cable plug/male fixed
plug
• Body, contact holder and cable gland in PA
• Cable gland seal and flat seal in NBR
Performance data
4…20 mA output uncertainty
± 1 % of current range
Electrical data
Operating voltage (V+)
• 12…36 V DC ± 10 %, filtered and regulated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply
• 115/230 V AC, 50/60 Hz
Voltage supply available inside the device:
– supplied voltage: 27 V DC regulated
– maximum current: 125 mA
– integrated protection: 125 mA time delay fuse
Current consumption
12…36 V DC powered measuring device with standard output signal, with sensor and without pulse
output consumption
• With relays: ≤ 70 mA
• Without relay: ≤ 25 mA
Power consumption
115/230 V AC powered measuring device: 3 VA
Output
• Transistor (pulse):
– potential free
– NPN or PNP (wiring dependant)
– function: pulse output, adjustable pulse value
– 0…400 Hz
– 5…36 V DC, 100 mA, voltage drop at 100 mA: 2.5 V DC
– duty cycle (pulse duration/period): 0.5
– galvanic insulation and protected against overvoltage, polarity reversals and short circuit
• Relay:
– 2 relays, normally open, hysteresis, adjustable thresholds
– non UL recognized device: 230 V AC/3 A or 40 V DC/3 A (resistive load)
– UL recognized device: 30 V AC/42 V
peak/3 A or 60 V DC/1 A
• Current:
– 4…20 mA (3-wire with relays, 2-wire without relay)
– sourcing or sinking (wiring dependant)
– max. loop impedance: 900 Ω at 30 V DC, 600 Ω at 24 V DC, 50 Ω at 12 V DC, 800 Ω with a
115/230 V AC voltage supply
– response time (10…90 %) for the measured value: 6 s (default)
Voltage supply cable
• External diameter (cable):
– 5…8 mm (with cable plug)
– 6…12 mm (1 cable per cable gland) or 3…5 mm when using a multi-way seal (2 cables per cable
gland)
• Cross section of wires:
– 0.25…1.5 mm2 (with cable plug)
– 0.75 mm² (with cable gland)
• Cross section of the local ground wire: max. 0.75 mm²
Process/Pipe connection & communication
Electrical connection
Cable plug according to DIN EN 175301-803 or cable glands M20 × 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com