Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Type SE35 + S077
7 | 20
Visit product website 
Environment and installation
Ambient temperature
Operation and storage:
• variant 12…36 V DC: 0…+ 60 °C (+ 32…+ 140 °F)
• variant 115/230 V AC: 0…+ 50 °C (+ 32…+ 122 °F)
1.4. Batch controller
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Electrical data
Operating voltage (V+)
• 12…36 V DC, max tolerance: - 5 % or + 10 % at 12 V DC, ± 10 % at 36 V DC, filtered and regulated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply
• 115/230 V AC, 50/60 Hz
Voltage supply available inside the device:
– supplied voltage: 27 V DC regulated
– maximum current: 125 mA
– integrated protection: 125 mA time delay fuse
Current consumption
With sensor, without consumption of digital input and pulse output
• With relays:
– ≤ 100 mA (at 12 V DC)
– ≤ 50 mA (at 36 V DC)
– ≤ 55 mA (115/230 V AC)
• Without relay:
– ≤ 70 mA (at 12 V DC)
– ≤ 35 mA (at 36 V DC)
– ≤ 40 mA (115/230 V AC)
Power consumption
115/230 V AC powered measuring device: 3 VA
Input
• DI (1 to 4)
• Switching threshold V
on: 5…36 V DC
• Switching threshold V
off max.: 2 V DC
• Min. pulse duration: 100 ms
• Input impedance: 9.4 kΩ
• Galvanic insulation, protected against polarity reversals and voltage spike
Output
• Transistors (digital outputs DO1 and DO4):
– potential-free
– NPN or PNP (wiring dependant)
– function: pulse output (by default for DO1), batch state (by default for DO4), configurable and
parametrisable
– 0…300 Hz
– 5…36 V DC, 100 mA max., voltage drop at 100 mA: 2.7 V DC
– duty cycle (pulse duration/period): > 0.45
– galvanic insulation, protected against overvoltage, polarity reversals and short-circuits
• Relays (digital outputs DO2 and DO3):
– 2 relays, normally open, parametrisable (by default: DO2 always configured to control the valve,
parametrized of 100 % of the batch quantity and DO3 configured as alarm)
– non UL recognized device: 230 V AC/3 A or 40 V DC/3 A (resistive load)
– UL recognized device: 30 V AC/42 V
peak/3 A or 60 V DC/1 A
– max. cutting power of 750 VA (resistive load)
Voltage supply cable
• External diameter (cable):
– 6…12 mm (1 cable per cable gland) or
– 4 mm when using a multi-way seal (2 cables per cable gland)
• Cross section of wires: 0.75 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com