Electronic Components Datasheet Search
  English  ▼

X  

313L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 313L
Description  SUBMERSIBLE LEVEL TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

313L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  313L Datasheet HTML 1Page - List of Unclassifed Manufacturers 313L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL5B-313L.02C
TOPE Co., Ltd.
Tel. (02) 8228-0658 • Fax. (02) 8228-0659 • E-mail: tope@ms1.hinet.net • Website: www.sensor.com.tw
FEATURES:
• All-welded, stainless steel construction
• Rugged, all encapsulated electronics.
• Leakproof
• 1/2” NPT conduit thread standard
PRESSURE RANGES:
• From 0-3 through 0-100 psig
(See ordering guide.)
ACCURACY:
• From
±0.1% FSO (RSS) to ±0.5% FSO (RSS)
(See specifications & ordering guide.)
SUBMERSIBLE LEVEL TRANSMITTER
Model 313L
ORDERING GUIDE
Ordering: Specify model, and pressure range and indicate modifications or
accessories required.
Use the following codes to identify desired item. Example 313L-B-PZ-LJ
• / • / •
MODEL
SERIES
RANGE
OPTIONS
••
•
Specifications printed on reverse side of this brochure.
GP:50 reserves the right to make product improvements and amendments to the product specification stated throughout this
brochure without prior notification. Please contact the factory on all critical dimensions and specifications for verification.
MODEL
313L
4-20mA
SERIES
B
±0.5% FSO (RSS)
C
±0.2% FSO (RSS)
D
±0.1% FSO (RSS)
PRESSURE RANGE
psi
in wc
PG
3
XK
100
PJ
5
XM
150
PL
7.5
XO
200
PN
10
XQ
300
PP
15
PR
20
PO
25
PT
30
PV
50
PX
75
PZ
100
OPTIONS
AA
None (standard connector)
CZ
Alternate cable length (specify)
ALTERNATE PRESSURE PORT
FH
1/8” NPT (F)
FL
1/8” NPT (M)
LD
Tapered inlet
LJ
Tapered inlet with standoff plate
GENERAL
CT
Tefzel jacketed cable
GA
Standardized output to
±0.5% FSO
GB
Alternate output, pressure units, or full scale
outputs that are non-standard
GE
Improved temperature compensation to
±0.5% FSO
unless otherwise specified
GG
Alternate calibration signal
GH
Internal calibration resistor set to 100
±0.5% FSO
unless other wise specified
JH
Remote cable mounted (in-line) zero & span controls. 3’ cable on open
side. Length of cable on closed side as required. (500’ maximum)
GZ
Customer special
Standard
with Option LJ
tapered inlet with
stand off plate


Similar Part No. - 313L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
logo
List of Unclassifed Man...
313 ETC2-313 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
3M Electronics
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Marathon Special Produc...
313 MARATHON-313 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
More results

Similar Description - 313L

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
OEM submersible level sensors
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
submersible level probe
logo
Fuji Electric
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
LEVEL TRANSMITTER
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
Submersible Tank Gauging Level Transmitter
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
Submersible Level Transmitter
ILTS CYNERGY3-ILTS Datasheet
56Kb / 2P
Submersible Dual Level and Temperature Transmitter
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
Water approved Submersible Level Transmitter - Silicon Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com