Electronic Components Datasheet Search
  English  ▼

X  

AOK42S60L Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # AOK42S60L
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

AOK42S60L Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  AOK42S60L Datasheet HTML 1Page - Inchange Semiconductor Company Limited AOK42S60L Datasheet HTML 2Page - Inchange Semiconductor Company Limited AOK42S60L Datasheet HTML 3Page - Inchange Semiconductor Company Limited AOK42S60L Datasheet HTML 4Page - Inchange Semiconductor Company Limited AOK42S60L Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISF1098
eq AOK42S60L
N-Channel MOSFET
www.iscsemi.com
3
DRAIN - SOURCE BODY DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD=24A, VGS= 0V
--
1.0
1.5
V
trr
Reverse Recovery Time
VDD = 400V, IF = IS,
diF/dt = 100A /μs
--
146
--
ns
Irr
Peak Reverse Recovery Current
--
12
--
A
Qrr
Reverse Recovery Charge
-
0.9
-
uC
TYPICAL CHARACTERISTICS (TJ= 25ºC, unless otherwise noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com