Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP110
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP110 Datasheet(HTML) 2 Page - Texas Instruments

  TMP110 Datasheet HTML 1Page - Texas Instruments TMP110 Datasheet HTML 2Page - Texas Instruments TMP110 Datasheet HTML 3Page - Texas Instruments TMP110 Datasheet HTML 4Page - Texas Instruments TMP110 Datasheet HTML 5Page - Texas Instruments TMP110 Datasheet HTML 6Page - Texas Instruments TMP110 Datasheet HTML 7Page - Texas Instruments TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Related Products............................................................. 3
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 I2C Interface Timing.................................................... 7
6.7 Timing Diagrams ........................................................7
6.8 Typical Characteristics................................................ 8
7 Detailed Description......................................................12
7.1 Overview................................................................... 12
7.2 Functional Block Diagram......................................... 12
7.3 Feature Description...................................................12
7.4 Device Functional Modes..........................................17
7.5 Programming............................................................ 18
8 Register Map.................................................................. 23
8.1 Temp_Result Register (address = 00h) [reset =
xxxxh].......................................................................... 24
8.2 Configuration Register (address = 01h) [reset =
60A0h]......................................................................... 25
8.3 TLow_Limit Register (address = 02h) [reset =
4B00h]......................................................................... 26
8.4 THigh_Limit Register (address = 03h) [reset =
5000h]......................................................................... 27
9 Application and Implementation.................................. 28
9.1 Application Information............................................. 28
9.2 Separate I2C Pullup and Supply Application.............28
9.3 Equal I2C Pullup and Supply Application.................. 29
9.4 Power Supply Recommendations.............................30
9.5 Layout....................................................................... 30
10 Device and Documentation Support..........................32
10.1 Documentation Support.......................................... 32
10.2 Receiving Notification of Documentation Updates..32
10.3 Support Resources................................................. 32
10.4 Trademarks.............................................................32
10.5 Electrostatic Discharge Caution..............................32
10.6 Glossary..................................................................32
11 Revision History.......................................................... 32
12 Mechanical, Packaging, and Orderable
Information.................................................................... 33
TMP110
SNIS233 – FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com