Electronic Components Datasheet Search
  English  ▼

X  

IP55 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # IP55
Description  PRESSURE COMPENSATION DEVICE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

IP55 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  IP55 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
111
STEGO - PRODUCT CATALOGUE
ACCESSORIES
TECHNICAL DATA
Mounting
PG 29 thread with union nut
Torque
5 Nm
Material
plastic according to UL94 V-0, light grey
weather proof and UV light resistant according to UL746C (f1)
Sealing
sealing gasket NBR
Air interface
~ 1.5 cm²
Dimensions
Ø 65.5 x 30.5 mm
Fitting position
vertical¹
Operating/Storage temperature
-45 to +70 °C (-49 to +158 °F)
Approvals
EAC
Note
Material adheres to limit values in accordance with RoHS3
¹ Protection type is restricted to IP54 if fitting position of DA 084 is not vertical.
PRESSURE COMPENSATION DEVICE
DA 084 | IP55
Installation: Make cut-out Ø 37+1mm in enclosure wall and mount pressure compensation device with nut. Please make sure that
the sealing gasket is put in place on the outer side panel of the enclosure. For optimal pressure compensation we recommend to
use two devices on opposite sides towards the top of the enclosure.
It has become more and more important to provide a protected enclosure environment for valuable and crucial
electrical and electronic components. In a tightly closed enclosure, pressure differentials can occur during extreme
temperature variations. The specially designed pressure compensation device DA 084 permits a controlled change
in pressure and avoids the enterring of dust and water. The pressure compensation device is suitable for the use
in enclosures and housings in accordance with DIN EN 62208.
> High degree of protection
> Easy to install
Photo: Inside view
Art. No.
Protection type
1 packing unit
Weight (approx.)
08400.0-02-9002
IP55
2 pieces
62 g (31 g / piece)
111
TECHNICAL DATASHEET


Similar Part No. - IP55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP55 ETC2-IP55 Datasheet
138Kb / 1P
Switched Disconnects
logo
Bel Fuse Inc.
IP55 BEL-IP55 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP550 ETC2-IP550 Datasheet
317Kb / 3P
Cutting-edge SIP feature set meets Polycom HD Voice
logo
Injoinic Technology Co....
IP5506 INJOINIC-IP5506 Datasheet
1Mb / 16P
2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
V1.0 2018
IP5506 INJOINIC-IP5506 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
More results

Similar Description - IP55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCXL ETC-DCXL Datasheet
147Kb / 4P
Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
logo
PHOENIX CONTACT
1415222 PHOENIX-1415222 Datasheet
52Kb / 2P
Pressure compensation element - A-INB-M12-69KN-P-LG
1415223 PHOENIX-1415223 Datasheet
52Kb / 2P
Pressure compensation element - A-INB-M12-69KN-P-BK
1415224 PHOENIX-1415224 Datasheet
51Kb / 2P
Pressure compensation element - A-INB-M12-69KN-S-S
logo
Advanced Monolithic Sys...
AMS2596 ADMOS-AMS2596 Datasheet
744Kb / 15P
Internal compensation
logo
Hammond Manufacturing L...
BDN HAMMOND-BDN Datasheet
98Kb / 2P
Pressure Compensation Plug
1/24/2021
logo
PHOENIX CONTACT
1411117 PHOENIX-1411117 Datasheet
221Kb / 3P
Pressure compensation element - A-EXB-20-66L-N-S
01/21/2022
1411118 PHOENIX-1411118 Datasheet
222Kb / 3P
Pressure compensation element - A-EXB-20-66L-S-S
01/21/2022
1411120 PHOENIX-1411120 Datasheet
221Kb / 3P
Pressure compensation element - A-EXB-25-66L-N-S
01/21/2022
1411121 PHOENIX-1411121 Datasheet
221Kb / 3P
Pressure compensation element - A-EXB-25-66L-S-S
01/21/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com