Electronic Components Datasheet Search
  English  ▼

X  

IP67 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # IP67
Description  VENTILATION CABLE GLAND
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

IP67 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  IP67 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
115
D
L
SW 1
STEGO - PRODUCT CATALOGUE
Part No.
Thread
External thread diameter Cable dia. clamping range D
Hex nut dia.
Torque
Air permeability1
Weight
Size M [mm]
Length L
SW 1
SW 2
Lock nut
Dome nut
28410.0-00
M12 x 1.5
0.31" (8 mm)
0.48" (12.3 mm)
0.16 – 0.28" (4 – 7 mm)
0.74" (19 mm) 0.71" (18 mm)
2 Nm
2 Nm
25 l/h
0.25 oz. (7 g)
28411.0-00
M16 x 1.5
0.39" (10 mm)
0.64" (16.3 mm)
0.16 – 0.28" (4 – 7 mm)
0.74" (19 mm) 0.86" (22 mm)
2 Nm
2 Nm
25 l/h
0.28 oz. (8 g)
28412.0-00
M20 x 1.5
0.39" (10 mm)
0.8" (20.3 mm)
0.24 – 0.44" (6 – 11 mm)
0.94" (24 mm) 1.02" (26 mm)
5 Nm
5 Nm
40 l/h
0.46 oz. (13 g)
1
at a pressure differential of 70 mbar (1 psi)
> Cable gland with integrated ventilation
> High degree of protection
> Easy to install
> Integrated strain relief
> Waterproof filter
> Large clamping range
VENTILATION CABLE GLAND
DAK 284 | IP66 / IP67
ACCESSORIES
Pressure differentials in enclosures with a high degree of protection are a result of internal and external temperature
changes. In the case of negative pressure or partial vacuum, dust and humidity can enter the enclosure through
the door seal. When the air inside the enclosure cools down, condensation may occur because the humidity cannot
escape the enclosure. The innovative and easy-to-install ventilation cable gland DAK 284 enables secure cable
entry into an enclosure with simultaneous pressure compensation (protection type IP66 / IP67). Even with a slight
overpressure, a waterproof filter inside the gland allows the humidity to escape whilst blocking water and dirt
from entering the enclosure.
TECHNICAL DATA
Mounting
thread M12 x 1.5 / M16 x 1.5 / M20 x 1.5
Enclosure wall thickness
0.02 – 0.12" (0.5 – 3 mm) with lock nut
Material
plastic, light grey
Protection type
IP66 / IP67 (EN 60529)
Sealing
sealing gasket NBR
Filter
PTFE
Fitting position
variable
Operating/Storage temperature
-4 to +176 °F (-20 to +80 °C)
Approvals
VDE, UL File No. E471430, EAC
Installation: Make hole cut-out in enclosure and secure ventilation cable gland with lock nut. Please make sure that the sealing
gasket is put in place on the exterior side panel of the enclosure and the hole is free of burrs.


Similar Part No. - IP67

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP67 ROSENBERGER-IP67 Datasheet
57Kb / 2P
7/16 STRAIGHT PLUG
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
logo
Bel Fuse Inc.
IP67 BEL-IP67 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
logo
STEGO Elektrotechnik Gm...
IP67 STEGO-IP67 Datasheet
282Kb / 1P
PRESSURE COMPENSATION DEVICE (STAINLESS STEEL/ALUMINIUM)
24.02.2022
More results

Similar Description - IP67

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5808253 ALTECH-5808253 Datasheet
184Kb / 2P
Cable Gland
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545090 FIBOX-3545090 Datasheet
145Kb / 2P
Chloroprene Cable gland M20
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
Chloroprene Cable gland PG16
16.08.2023
3545103 FIBOX-3545103 Datasheet
160Kb / 2P
EPDM Cable gland M63
16.08.2023
3545279 FIBOX-3545279 Datasheet
160Kb / 2P
EPDM Cable gland M16
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com