Electronic Components Datasheet Search
  English  ▼

X  

DCT010 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # DCT010
Description  ELECTRONIC THERMOSTAT – DC LINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

DCT010 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  DCT010 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
53
44
+
+
-
- 1
2
PRODUCT CATALOGUE - STEGO
TECHNICAL DATA
Switch difference (temperature)
3 K (±1 K tolerance) at +25 °C (+77 °F), 50 % RH
Reaction time
~ 5 s
External sensor
cable 2 m with snap in connector (included in the delivery)
Contact type
normally open NO (MOSFET) or normally closed NC (MOSFET)
Service life
> 100,000 cycles
Operating voltage
DC 20 to 56 V
Optical indicator
LED
Connection
6-pole terminal: stranded wire1 1.5 mm² (AWG 16);
max. 2.5 mm² (AWG 12)
Mounting
clip for 35 mm DIN rail, EN 60715
Casing
plastic according to UL94 V-0, grey/black
Dimensions
93 x 53 x 44 mm
Weight
~ 120 g (incl. sensor)
Fitting position
vertical
Storage temperature
-40 to +80 °C (-40 to +176 °F)
Operating / Storage humidity
< 90 % RH (non-condensing)
Protection type
IP20
Approvals
UL File No. E164102, VDE, EAC
Note
other versions (e.g. setting ranges and °F) on request
1
When connecting with stranded wires, wire end ferrules must be used.
The electronic thermostat with integrated switch module is used to control DC powered devices with high capa-
cities in control and switch cabinets. Heaters, coolers, filter fans or signal devices can directly be controlled via
an internal electronic circuit. The external sensor can be positioned freely anywhere in the control cabinet for
precise temperature measurements. Additionally, this thermostat is available in versions that not only measure
temperature via the external sensor, but also the relative humidity.
> High DC switching capacity
> Adjustable temperature
> Small hysteresis
> Optical operating display (LED)
> Integrated switch module
> Precise measurement via an external
sensor
ELECTRONIC THERMOSTAT – DC LINE
DCT 010 | DC 20 to 56 V
Example of connection
Heater
Thermostat DCT 010
Connection diagram
Art. No.
Max. switching capacity
Operating temperature
Primary switching function
setting range temperature
Secondary switching function²
humidity setting
Contact (primary)
01011.0-21
DC 13 A
-40 to +50 °C (-40 to +122 °F)
-10 to +50 °C
-
Normally open (NO)
01011.0-22
DC 11 A
-40 to +60 °C (-40 to +140 °F)
0 to +60 °C
-
Normally open (NO)
01011.0-41
DC 13 A
-40 to +50 °C (-40 to +122 °F)
-10 to +50 °C
65 % RH pre-set
Normally closed (NC)
01011.0-42
DC 11 A
-40 to +60 °C (-40 to +140 °F)
0 to +60 °C
65 % RH pre-set
Normally closed (NC)
2
Versions with secondary switching function can also register the humidity and therefore offer an additional protection for electronics.
Switch difference: 4 % RH (±1 % tolerance) at +25 °C (+77 °F), 50 % RH.
REGULATING


Similar Part No. - DCT010

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
915Kb / 19P
Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
998Kb / 16P
Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
1Mb / 20P
Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
1Mb / 20P
Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCT010

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
logo
TOKO, Inc
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
THERMOSTAT IC
logo
Supertex, Inc
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
DIGITAL THERMOSTAT
logo
Omron Electronics LLC
E5LC1 OMRON-E5LC1 Datasheet
977Kb / 12P
Electronic Thermostat E5L
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
Thermostat
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
DC Electronic Load
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com